Electronic Components Datasheet Search
  English  ▼

X  

L8708H Datasheet(PDF) 17 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 13Page - Zilog, Inc. L8708H Datasheet HTML 14Page - Zilog, Inc. L8708H Datasheet HTML 15Page - Zilog, Inc. L8708H Datasheet HTML 16Page - Zilog, Inc. L8708H Datasheet HTML 17Page - Zilog, Inc. L8708H Datasheet HTML 18Page - Zilog, Inc. L8708H Datasheet HTML 19Page - Zilog, Inc. L8708H Datasheet HTML 20Page - Zilog, Inc. L8708H Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
17
1
AC CHARACTERISTICS
Preliminary
Handshake Timing Table
TA = 0°C to +70°C
Data
No
Sym
Parameter
VCC
Min
Max
Direction
1
TsDI(DAV)
Data In Setup Time
2.0V
3.9V
0
0
IN
IN
2
ThDI(DAV)
Data In Hold Time
2.0V
3.9V
0
0
IN
IN
3
TwDAV
Data Available Width
2.0V
3.9V
155
110
IN
IN
4
TdDAVI(RDY)
DAV Falling to RDY
Falling Delay
2.0V
3.9V
160
115
IN
IN
5
TdDAVId(RDY)
DAV Rising to RDY
Falling Delay
2.0V
3.9V
120
80
IN
IN
6
TdRDYO(DAV)
RDY Rising to DAV
Falling Delay
2.0V
3.9V
0
0
IN
IN
7
TdDO(DAV)
Data Out to DAV
Falling Delay
2.0V
3.9V
63
63
OUT
OUT
8
TdDAV0(RDY)
DAV Falling to RDY
Falling Delay
2.0V
3.9V
0
0
OUT
OUT
9
TdRDY0(DAV)
RDY Falling to DAV
Rising Delay
2.0V
3.9V
160
115
OUT
OUT
10
TwRDY
RDY Width
2.0V
3.9V
110
80
OUT
OUT
11
TdRDY0d(DAV)
RDY Rising to DAV
Falling Delay
2.0V
3.9V
110
80
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com