Electronic Components Datasheet Search
  English  ▼

X  

L8708H Datasheet(PDF) 66 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 66 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 58Page - Zilog, Inc. L8708H Datasheet HTML 59Page - Zilog, Inc. L8708H Datasheet HTML 60Page - Zilog, Inc. L8708H Datasheet HTML 61Page - Zilog, Inc. L8708H Datasheet HTML 62Page - Zilog, Inc. L8708H Datasheet HTML 63Page - Zilog, Inc. L8708H Datasheet HTML 64Page - Zilog, Inc. L8708H Datasheet HTML 65Page - Zilog, Inc. L8708H Datasheet HTML 66Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 66 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
66
P R E L I M I N A R Y
DS96LV00800
ORDERING INFORMATION
Z86L88/81/86/87/89/73
8.0 MHz
28-Pin DIP
40-Pin DIP
Z86L8808PSC
Z86L8708PSC
Z86L8108PSC
Z86L8908PSC
Z86L8608PSC
Z86L7308PSC
28-Pin SIOC
44-Pin PLCC
44-Pin QFP
Z86L8808SSC
Z86L8708VSC
Z86L8708FSC
Z86L8108SSC
Z86L8908VSC
Z86L8908FSC
Z86L8608SSC
Z86L7308VSC
Z86L7308FSC
For fast results, contact your local Zilog sales office for as-
sistance in ordering the part desired.
Codes
Package
P = Plastic DIP
F = Plastic Quad Flat Pack
V = Plastic Chip Carrier
S = SOIC (Small Outline Integrated Circuit)
Temperature
S = 0
°C to +70°C
Speed
8 = 8.0 MHz
Environmental
C = Plastic Standard
Example:
Z 86LXX 08 P S C
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix
is a Z86LXX, 8 MHz, DIP, 0
°C to +70°C, Plastic Standard Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com