Electronic Components Datasheet Search
  English  ▼

X  

Z89136 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z89136
Description  Low-Cost DTAD Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89136 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z89136 Datasheet HTML 4Page - Zilog, Inc. Z89136 Datasheet HTML 5Page - Zilog, Inc. Z89136 Datasheet HTML 6Page - Zilog, Inc. Z89136 Datasheet HTML 7Page - Zilog, Inc. Z89136 Datasheet HTML 8Page - Zilog, Inc. Z89136 Datasheet HTML 9Page - Zilog, Inc. Z89136 Datasheet HTML 10Page - Zilog, Inc. Z89136 Datasheet HTML 11Page - Zilog, Inc. Z89136 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Z89135/136 (ROMless)
Low-Cost DTAD Controller
Zilog
1-8
P R E L I M I N A R Y
DS97TAD0300
A/D CONVERTER (ADC)
Figure 4 shows the input circuit of the ADC. When conver-
sion starts, the analog input voltage from the input is con-
nected to the MSB and LSB flash converter inputs as
shown in the Input Impedance CKT diagram. Shunting 31
parallel internal resistances of the analog switches and si-
multaneously charging 31 parallel 1 pF capacitors is equiv-
alent to a 400 Ohms input impedance in parallel with a 31
pF capacitor. Other input stray capacitance adds about 10
pF to the input load. Input source resistances up to 2 Ko-
hms can be used under normal operating conditions with-
out any degradation of the input settling time. For larger in-
put source resistance, longer conversion cycle times may
be required to compensate the input settling time problem.
VREF is set using the VREF + pin.
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for an extended period
may affect device reliability.
Figure 4. Input Impedance of ADC
CMOS Switch
on Resistance
2 - 5 k
Ω
C Parasitic
R Source
V Ref
C .5 pF
V Ref
C .5 pF
V Ref
C .5 pF
31 CMOS Digital
Comparators
Symbol
Description
Min
Max
Units
VCC
Supply Voltage (*)
–0.3
+7.0
V
TSTG
Storage Temp
–65
° +150°
C
TA
Oper Ambient Temp
†
C
Notes:
Voltage on all pins with respect to GND.
† See Ordering Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com