Electronic Components Datasheet Search
  English  ▼

X  

Z89136 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z89136
Description  Low-Cost DTAD Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89136 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z89136 Datasheet HTML 1Page - Zilog, Inc. Z89136 Datasheet HTML 2Page - Zilog, Inc. Z89136 Datasheet HTML 3Page - Zilog, Inc. Z89136 Datasheet HTML 4Page - Zilog, Inc. Z89136 Datasheet HTML 5Page - Zilog, Inc. Z89136 Datasheet HTML 6Page - Zilog, Inc. Z89136 Datasheet HTML 7Page - Zilog, Inc. Z89136 Datasheet HTML 8Page - Zilog, Inc. Z89136 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Z89135/136 (ROMless)
Zilog
Low-Cost DTAD Controller
DS97TAD0300
P R E L I M I N A R Y
1-5
1
Table 1. Z89135 68-Pin Plastic Leaded Chip Carrier,
Pin Identification
Pin # Symbol
Function
Direction
1
RMLS
ROMless
Control Input
2VDD
Power Supply
3
P04
Port 0, Bit 4
Input/Output
4
P50
Port 5, Bit 0
Input/Output
5
P57
Port 5, Bit 7
Input/Output
6
P03
Port 0, Bit 3
Input/Output
7
P02
Port 0, Bit 2
Input/Output
8
P01
Port 0, Bit 1
Input/Output
9
P00
Port 0, Bit 0
Input/Output
10
XTAL2
Crystal Oscillator Clock
Output
11
XTAL1
Crystal Oscillator Clock
Input
12
P22
Port 2, Bit 2
Input/Output
13
P56
Port 5, Bit 6
Input/Output
14
P23
Port 2, Bit 3
Input/Output
15
P55
Port 5, Bit 5
Input/Output
16
P54
Port 5, Bit 4
Input/Output
17
GND
Ground
18
P17
Port 1, Bit 7
Input/Output
19
P05
Port 0, Bit 5
Input/Output
20
P24
Port 2, Bit 4
Input/Output
21
P16
Port 1, Bit 6
Input/Output
22
P25
Port 2, Bit 5
Input/Output
23
P15
Port 1, Bit 5
Input/Output
24
P26
Port 2, Bit 6
Input/Output
25
P27
Port 2, Bit 7
Input/Output
26
N/C
Not Connected
27
P31
Port 3, Bit 1
Input
28
P32
Port 3, Bit 2
Input
29
P33
Port 3, Bit 3
Input
30
P34
Port 3, Bit 4
Output
31
VDD
Power Supply
32
P35
Port 3, Bit 5
Output
33
P14
Port 1, Bit 4
Input/Output
34
DSP1
DSP User Output 1
Output
35
DSP0
DSP User Output 0
Output
36
P36
Port 3, Bit 7
Output
37
P13
Port 1, Bit 3
Input/Output
38
P37
Port 3, Bit 7
Output
39
P40
Port 4, Bit 0
Input/Output
40
P12
Port 1, Bit 2
Input/Output
41
P06
Port 0, Bit 6
Input/Output
42
P41
Port 4, Bit 1
Input/Output
43
P42
Port 4, Bit 2
Input/Output
44
N/C
Not Connected
45
P43
Port 4, Bit 3
Input/Output
46
P44
Port 4, Bit 4
Input/Output
47
P45
Port 4, Bit 5
Input/Output
48
P53
Port 5, Bit 3
Input/Output
49
P46
Port 4, Bit 6
Input/Output
50
P11
Port 1, Bit 1
Input/Output
51
P47
Port 4, Bit 7
Input/Output
52
P10
Port 1, Bit 0
Input/Output
53
PWM
Pulse Width Modulator
Output
54
R//W
Read/Write
Output
55
/RESET
Reset
Input/Output
56
/AS
Address Strobe
Output
57
ANGND
Analog Ground
58
VREF-
Analog Voltage Ref.
Input
59
ANIN
Analog Input
Input
60
VREF+
Analog Voltage Ref.
Input
61
ANVDD
Analog Power Supply
62
GND
Ground
63
P07
Port 0, Bit 7
Input/Output
64
P20
Port 2, Bit 0
Input/Output
65
P21
Port 2, Bit 1
Input/Output
66
P52
Port 5, Bit 2
Input/Output
67
P51
Port 5, Bit 1
Input/Output
68
/DS
Data Strobe
Output
Table 1. Z89135 68-Pin Plastic Leaded Chip Carrier,
Pin Identification
Pin # Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com