Electronic Components Datasheet Search
  English  ▼

X  

Z89136 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z89136
Description  Low-Cost DTAD Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89136 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z89136 Datasheet HTML 35Page - Zilog, Inc. Z89136 Datasheet HTML 36Page - Zilog, Inc. Z89136 Datasheet HTML 37Page - Zilog, Inc. Z89136 Datasheet HTML 38Page - Zilog, Inc. Z89136 Datasheet HTML 39Page - Zilog, Inc. Z89136 Datasheet HTML 40Page - Zilog, Inc. Z89136 Datasheet HTML 41Page - Zilog, Inc. Z89136 Datasheet HTML 42Page - Zilog, Inc. Z89136 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Z89135/136 (ROMless)
Zilog
Low-Cost DTAD Controller
DS97TAD0300
P R E L I M I N A R Y
1-39
1
SCLK/TCLK divide-by-16 Select (D0). D0 of the SMR
controls a divide-by-16 prescaler of SCLK/TCLK. The pur-
pose of this control is to selectively reduce device power
consumption during normal processor execution (SCLK
control) and/or HALT Mode (where TCLK sources
counter/timers and interrupt logic).
Stop-Mode Recovery Source (D4-D2). These three bits
of the SMR specify the wake-up source of the Stop-Mode
Recovery (Figure 27 and Table 6).
Stop-Mode Recovery Delay Select (D5). This bit, if High,
disables the 5 ms /RESET delay after Stop-Mode Recov-
ery. The default configuration of this bit is one. If the “fast”
wake-up is selected, the Stop-Mode Recovery source is
kept active for at least 5 TpC.
Stop-Mode Recovery Edge Select (D6). A 1 in this bit po-
sition indicates that a high level on any one of the recovery
sources wakes the Z89165 from STOP Mode. A 0 indi-
cates low level recovery. The default is 0 on POR .
Cold or Warm Start (D7). This bit is set by the device
upon entering STOP Mode. It is active High, and is 0 (cold)
on POR/WDT /RESET. This bit is Read Only. It is used to
distinguish between cold or warm start.
Figure 27. Stop-Mode Recovery Source
P31
P32
P33
P27
Stop-Mode Recovery Edge
Select (SMR)
P33 From Pads
Digital/Analog Mode
Select (P3M)
To P33 Data
Latch and IRQ1
To POR
RESET
SMR
D4 D3 D2
0
0
0
VDD
SMR
SMR
SMR
SMR
SMR
D4 D3 D2
0
1
0
0
1
1
D4 D3 D2
1
0
0
D4 D3 D2
1
0
1
D4 D3 D2
1
1
0
D4 D3 D2
1
1
1
P20
P23
P20
P27
MUX
Table 6. Stop-Mode Recovery Source
SMR:432
Operation
Description of Action
D4
D3
D2
0
0
0
POR and/or external reset recovery
0
0
1
No effect
0
1
0
P31 transition
0
1
1
P32 transition
1
0
0
P33 transition
1
0
1
P27 transition
1
1
0
Logical NOR of P20 through P23
1
1
1
Logical NOR of P20 through P27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com