Electronic Components Datasheet Search
  English  ▼

X  

Z89136 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z89136
Description  Low-Cost DTAD Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89136 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z89136 Datasheet HTML 1Page - Zilog, Inc. Z89136 Datasheet HTML 2Page - Zilog, Inc. Z89136 Datasheet HTML 3Page - Zilog, Inc. Z89136 Datasheet HTML 4Page - Zilog, Inc. Z89136 Datasheet HTML 5Page - Zilog, Inc. Z89136 Datasheet HTML 6Page - Zilog, Inc. Z89136 Datasheet HTML 7Page - Zilog, Inc. Z89136 Datasheet HTML 8Page - Zilog, Inc. Z89136 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Z89135/136 (ROMless)
Zilog
Low-Cost DTAD Controller
DS97TAD0300
P R E L I M I N A R Y
1-3
1
Z8 Core Processor
The Z8 is Zilog’s 8-bit MCU core with an Expanded Regis-
ter File to allow access to register-mapped peripheral and
I/O circuits. The Z8® MCU offers a flexible I/O scheme, an
efficient register and address space structure, and a num-
ber of ancillary features.
For applications demanding powerful I/O capabilities, the
Z89135/136 offers 47 pins dedicated to input and output.
These lines are grouped into six ports. Each port is config-
urable under software control to provide timing, status sig-
nals and parallel I/O with or without handshake.
There are four basic memory resources for the Z8 that are
available to support a wide range of configurations: Pro-
gram Memory, Register File, Data Memory, and Expanded
Register File. The Z8 core processor is characterized by
an efficient register file that allows any of 256 on-board
data and control registers to be the source and/or the des-
tination of almost any instruction. Traditional microproces-
sor accumulator bottlenecks are eliminated.
The Register File is composed of 236 bytes of general-pur-
pose registers, four I/O port register,s and 15 control and
status registers. The Expanded Register File consists of
mailbox registers, WDT mode register, DSP Control regis-
ter, Stop-Mode Recovery register, Port Configuration reg-
ister, and the control and data registers for Port 4 and Port
5.
To unburden the software from supporting the real-time
problems, such as counting/timing and data communica-
tion, the Z8 offers two on-chip counter/timers with a large
number of user selectable modes.
Watch-Dog Timer and Stop-Mode Recovery features are
software driven by setting specific bits in control registers.
STOP and HALT instructions support reduced power op-
eration. The low power STOP Mode allows parameter in-
formation to be stored in the register file if power fails. An
external capacitor or battery retains power to the device.
DSP Coprocessor
The DSP coprocessor is a second generation, 16-bit two’s
complement CMOS Digital Signal Processor (DSP). Most
instructions, including multiply and accumulate, are ac-
complished in a single clock cycle. The processor contains
two on-chip data RAM blocks of 256 words, a 6K word pro-
gram ROM, 24-bit ALU, 16 x 16 multiplier, 24-bit Accumu-
lator, shifter, six-level stack, three vectored interrupts, and
two inputs for conditional program jumps. Each RAM block
contains a set of four pointers which may be incremented
or decremented automatically to affect hardware looping
without software overhead. The data RAMs can be simul-
taneously addressed and loaded to the multiplier for a true
single cycle scalar multiply.
Four external DSP registers are mapped into the expand-
ed register file of the Z8. Communication between the Z8
and the DSP occurs through those common registers
which form the mailbox registers.
The analog signal is generated by a 10-bit resolution Pulse
Width Modulator. The PWM output is a digital signal with
CMOS output levels. The output signal has a resolution of
1 in 1024 with a sampling rate of 16 kHz (XTAL = 20.48
MHz). The sampling rate can be changed under software
control and can be set at 4, 10, 16, and 64 kHz. The dy-
namic range of the PWM is from 0 to 4V.
An 8-bit resolution half-flash A/D converter is provided.
The conversion is conducted with a sampling frequency of
8, 16, 32, 64, or 128 kHz. (XTAL = 20.48 MHz) in order to
provide oversampling. The input signal is 4V peak to peak.
Scaling is normally
±1.25V for the 2.5V peak to peak off-
set.
Two additional timers (Timer2 and Timer3) have been
added to support different sampling rates for the A/D and
D/A converters. These timers are free running counters
that divide the crystal frequency to the appropriate sam-
pling of frequency.
Notes: All signals with a preceding front slash, "/", are ac-
tive Low. For example, B//W (WORD is active Low); /B/W
(BYTE is active Low, only).
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com