Electronic Components Datasheet Search
  English  ▼

X  

Z89136 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z89136
Description  Low-Cost DTAD Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89136 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z89136 Datasheet HTML 1Page - Zilog, Inc. Z89136 Datasheet HTML 2Page - Zilog, Inc. Z89136 Datasheet HTML 3Page - Zilog, Inc. Z89136 Datasheet HTML 4Page - Zilog, Inc. Z89136 Datasheet HTML 5Page - Zilog, Inc. Z89136 Datasheet HTML 6Page - Zilog, Inc. Z89136 Datasheet HTML 7Page - Zilog, Inc. Z89136 Datasheet HTML 8Page - Zilog, Inc. Z89136 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Z89135/136 (ROMless)
Low-Cost DTAD Controller
Zilog
1-2
P R E L I M I N A R Y
DS97TAD0300
GENERAL DESCRIPTION (Continued)
Figure 1. Functional Block Diagram
Port 0
P00
P01
P02
P03
P04
P05
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
P20
P21
P22
P23
P24
P25
P26
P27
P31
P32
P33
P40
P41
P42
P43
P44
P45
P46
P47
P50
P51
P52
P53
P54
P55
P56
P57
RMLS
/AS
/DS
R/W
Timer 0
Capture Reg.
Port 3
Port 1
Port 4
Port 2
Port 5
Timer 1
Register File
256 x 8 Bit
24 Kbytes
Program
ROM
(Z89165)
Z8 Core
Register Bus
Internal Address Bus
Internal Data Bus
Expanded Register
File
(Z8)
Peripheral
Register
(DSP)
Expanded
Register Bus
Extended Bus of the DSP
6K Words
Program
ROM
DSP Core
Internal Address Bus
Internal Data Bus
DSP Port
PWM
(10-Bit)
ADC
(8-Bit)
Timer 2
Timer 3
Extended Bus of the DSP
Ext.
Memory
Control
OSC
Power
XTAL1
XTAL2
VDD
GND
/RESET
INT 1
INT 2
DSP0
DSP1
AN IN
AN VDD
AN GND
VREF+
VREF-
PWM
256 Word
RAM 0
256 Word
RAM 1
P34
P35
P36
P37
Input
Output
I/O
(Bit
Programmable)
I/O
(Bit
Programmable)
Address
or I/O
(Nibble
Programmable)
Address/Data
or I/O
(Byte
Programmable)
I/O
(Bit
Programmable)
mailbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com