Electronic Components Datasheet Search
  English  ▼

X  

AX88196L Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 8Page - ASIX Electronics Corporation AX88196L Datasheet HTML 9Page - ASIX Electronics Corporation AX88196L Datasheet HTML 10Page - ASIX Electronics Corporation AX88196L Datasheet HTML 11Page - ASIX Electronics Corporation AX88196L Datasheet HTML 12Page - ASIX Electronics Corporation AX88196L Datasheet HTML 13Page - ASIX Electronics Corporation AX88196L Datasheet HTML 14Page - ASIX Electronics Corporation AX88196L Datasheet HTML 15Page - ASIX Electronics Corporation AX88196L Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
12
2.3 EEPROM Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
EECS
O
106
EEPROM Chip Select : EEPROM chip select signal.
EECK
O
107
EEPROM Clock : Signal connected to EEPROM clock pin.
EEDI
O
108
EEPROM Data In : Signal connected to EEPROM data input pin.
EEDO
I/PU
109
EEPROM Data Out : Signal connected to EEPROM data output pin.
Tab - 3 EEPROM bus interface signals group
2.4 SNI Interface pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
STXC
I
66
Transmit Clock : this signal is driven by PHY with 20MHz clock.
STXD
O
68
Transmit Data : STXD is transition synchronously with respect to the
rising edge of STXC. For each STXC period in which STXE is
asserted, STXD is accepted for transmission by the PHY.
STXE
O
70
Transmit Enable : STXE is transition synchronously with respect to
the rising edge of STXC. STXE indicates that the port is presenting
data on STXD for transmission.
SCOL
I
76
Collision : this signal is driven by PHY when collision is detected.
SRXC
I
78
Receive Clock : SRXC is driven by PHY for received data
synchronization.
SRXD
I
79
Receive Data : SRXD is driven by the PHY synchronously with respect
to SRXC.
SCRS
I
80
Carrier Sense : Asynchronous signal SCRS is asserted by the PHY
when either the transmit or receive medium is non-idle.
/SLINK
I/PU
74
Link indicator : Active low indicate the SNI interface is link to
network. When SNI is not used must keep the pin no connection or
pull high the signal.
Tab - 4 Serial Network Interface pins group
2.5 Standard Printer Port Interface pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
PD[7:0]
I/O/PU
52, 53
55-58
60, 61
Parallel Data :The bi-directional parallel data bus is used to transfer
information between CPU and peripherals. Default serve as input,
using /DOE bit of register offset x1Ah to set the direction.
BUSY
I
46
Busy : This is a status input from the printer, high indicating that the
printer is not ready to receive new data.
/ACK
I
47
Acknowledge : A low active input from the printer indicating that it
has received the data and is ready to accept new data.
PE
I
48
Paper Empty : A status input from the printer, high indicating that the
printer is out of paper.
SLCT
I
50
Slect : This high active input from the printer indicating that it has
power on.
/ERR
I
51
Error : A low active input from the printer indicating that there is an
error condition at the printer.
/SLCTIN
O
41
Slect In : This active low output selects the printer.
/INIT
O
42
Init : This signal is used to initiate the printer when low.
/ATFD
O
43
Auto Feed :This output goes low to cause the printer to automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com