Electronic Components Datasheet Search
  English  ▼

X  

AX88196L Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 31Page - ASIX Electronics Corporation AX88196L Datasheet HTML 32Page - ASIX Electronics Corporation AX88196L Datasheet HTML 33Page - ASIX Electronics Corporation AX88196L Datasheet HTML 34Page - ASIX Electronics Corporation AX88196L Datasheet HTML 35Page - ASIX Electronics Corporation AX88196L Datasheet HTML 36Page - ASIX Electronics Corporation AX88196L Datasheet HTML 37Page - ASIX Electronics Corporation AX88196L Datasheet HTML 38Page - ASIX Electronics Corporation AX88196L Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
35
A.4 Dual power (5V and 3.3V/3.0V) application
+5V
+5V
+5V
HVdd
+5V
+3.3V LVdd
A.5 Single power (3.3V/3.0V) application
+3.3V
+3.3V
+3.3V HVdd
+3.3V
+3.3V LVdd
AX88196
PHY/TxRx
MAGNETIC
RJ45
+5V CPU I/F
Optional
EEPROM
AX88196
PHY/TxRx
MAGNETIC
RJ45
+3.3V CPU I/F
Optional
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com