Electronic Components Datasheet Search
  English  ▼

X  

AX88196L Datasheet(PDF) 42 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 42 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 34Page - ASIX Electronics Corporation AX88196L Datasheet HTML 35Page - ASIX Electronics Corporation AX88196L Datasheet HTML 36Page - ASIX Electronics Corporation AX88196L Datasheet HTML 37Page - ASIX Electronics Corporation AX88196L Datasheet HTML 38Page - ASIX Electronics Corporation AX88196L Datasheet HTML 39Page - ASIX Electronics Corporation AX88196L Datasheet HTML 40Page - ASIX Electronics Corporation AX88196L Datasheet HTML 41Page - ASIX Electronics Corporation AX88196L Datasheet HTML 42Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
AX88196
10/100BASE Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
42
GND_CH
RDP
3.3V
RING
RDN
R14
49.9
1%
TDN
GND
C31
10p
R10
49.9
1%
3.3V
C33
0.1u
R16
49.9
1%
TIP
TDN
U5
HR008
5
4
3
2
1
7
8
6
12
13
14
15
16
11
10
9
TD+
TD-
CT_TD
RD+
RD-
HRTRXP+
HRTRXN-
GND
TX+
TX-
NC2
RX+
RX-
NC1
RING
TIP
J2
RJ45N
1
2
3
6
4
5
7
8
C30
10p
GND_CH
C35
0.1u
C34
0.01u
C28
0.1u
RING
R15
49.9
1%
U6
DUAL-RJ11-6P
1
2
3
4
5
6
7
8
9
10
11
12
NC
A1
TIP_A
RING_A
A2
NC
NC
B1
TIP_B
RING_B
B2
NC
R13
75
R17
49.9
1%
R12
75
RDP
RDN
TIP
TDP
TDP
C32
0.01u/2KV
3.3V
C29
10p
R11
49.9
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com