Electronic Components Datasheet Search
  English  ▼

X  

AX88196L Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 4Page - ASIX Electronics Corporation AX88196L Datasheet HTML 5Page - ASIX Electronics Corporation AX88196L Datasheet HTML 6Page - ASIX Electronics Corporation AX88196L Datasheet HTML 7Page - ASIX Electronics Corporation AX88196L Datasheet HTML 8Page - ASIX Electronics Corporation AX88196L Datasheet HTML 9Page - ASIX Electronics Corporation AX88196L Datasheet HTML 10Page - ASIX Electronics Corporation AX88196L Datasheet HTML 11Page - ASIX Electronics Corporation AX88196L Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
8
1.3.3 AX88196 Pin Connection Diagram for MC68K Mode
Fig - 5 AX88196 Pin Connection Diagram for MC68K Mode
123
118
122
54
41
LVDD
117
57
42
VSS
107
105
63
60
LCLK/XTALIN
128
115
112
61
33
111
43
109
106
62
49
LVDD
58
56
55
45
VSS
53
116
113
59
36
34
124
108
NC
126
119
110
121
46
52
44
39
51
127
125
120
114
38
48
47
35
VSS
VSS
40
37
50
AX88196
LOCAL CPU BUS
10/100BASE MAC
CONTROLLER
(for 68K Interface)
103
104
98
97
99
100
102
101
VSS
LVDD
SD[0]
SD[1]
SD[2]
SD[3]
SD[4]
RESET
TXD[1]
TXD[2]
TXD[3]
XTALOUT
EEDI
EEDO
EECK
EECS
/RESET
/DTACK
/CS
SAL[0]
SAL[1]
SAL[2]
SAH[1]
SAH[2]
64
CLKO
SAH[0]
HVDD
PD0
/ERR
SLCT
PE
/ACK
BUSY
/STRB
/ATFD
/INIT
/SLIN
LVDD
LVDD
VSS
VSS
IO_BASE[2]
IO_BASE[1]
PD1
PD2
PD3
PD4
PD5
PD6
PD7
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com