Electronic Components Datasheet Search
  English  ▼

X  

AX88196L Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 25Page - ASIX Electronics Corporation AX88196L Datasheet HTML 26Page - ASIX Electronics Corporation AX88196L Datasheet HTML 27Page - ASIX Electronics Corporation AX88196L Datasheet HTML 28Page - ASIX Electronics Corporation AX88196L Datasheet HTML 29Page - ASIX Electronics Corporation AX88196L Datasheet HTML 30Page - ASIX Electronics Corporation AX88196L Datasheet HTML 31Page - ASIX Electronics Corporation AX88196L Datasheet HTML 32Page - ASIX Electronics Corporation AX88196L Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
29
6.4.5 68K Type I/O Access Timing
Tsu(A)
Th(A)
SA[9:1],SAL,SAH
Tv(DS-WR)
Tw(DS)
Tdis(WR-DS)
/UDS,/LDS
(Read)
R/W
Ten(DS)
(Write)
R/W
Tv(DTACK)
Tdis(DTACK)
/DTACK
Tdis(DS)
(Read Data)
SD[15:0](Dout)
DATA Valid
Tsu(DS)
Th(DS)
(Write Data)
SD[15:0](Din)
DATA Input Establish
Symbol
Description
Min
Typ.
Max
Units
Tsu(A)
ADDRESS SETUP TIME
0
-
-
ns
Th(A)
ADDRESS HOLD TIME
5
-
-
ns
Tv(DS-WR)
/UDS OR /LDS VALID FROM /W
0
-
-
ns
Tdis(WR-DS)
/W DISABLE FROM /UDS OR /LDS
5
-
-
ns
Tv(DTACK)
DACK VALID FROM /UDS OR /LDS
-
-
20
ns
Tdis(DTACK) DACK DISABLE FROM /UDS OR /LDS
0
-
-
ns
Ten(DS)
OUTPUT ENABLE TIME FROM /UDS OR /LDS
-
-
20
ns
Tdis(DS)
OUTPUT DISABLE TIME FROM /UDS OR /LDS
0.5
-
4
ns
Tsu(DS)
DATA SETUP TIME
5
-
-
ns
Th(DS)
DATA HOLD TIME
5
-
-
ns
Tw(DS)
/UDS OR /LDS WIDTH TIME
*60
ns
*Note : 60 ns at internal operation clock is 20MHz.
50 ns at internal operation clock is 25MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com