Electronic Components Datasheet Search
  English  ▼

X  

AX88196L Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 34Page - ASIX Electronics Corporation AX88196L Datasheet HTML 35Page - ASIX Electronics Corporation AX88196L Datasheet HTML 36Page - ASIX Electronics Corporation AX88196L Datasheet HTML 37Page - ASIX Electronics Corporation AX88196L Datasheet HTML 38Page - ASIX Electronics Corporation AX88196L Datasheet HTML 39Page - ASIX Electronics Corporation AX88196L Datasheet HTML 40Page - ASIX Electronics Corporation AX88196L Datasheet HTML 41Page - ASIX Electronics Corporation AX88196L Datasheet HTML 42Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
AX88196
10/100BASE Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
40
SPDLED
TXCLK
RXD3
C44
0.1u
TXCLK
R26
4.7K
RXD0
PWRLED
COLLED
R21
9.31K
1%
3.3V
MDC
Speed LED
RST1#
Set PHY address to 00000.
U7
DP83851
36
35
34
33
32
31
23
24
25
26
27
28
37
38
21
22
45
46
19
29
39
5
11
20
7
8
4
17
18
16
15
44
14
42
43
48
30
40
41
47
3
6
10
1
2
9
12
13
TXD3
TXD2
TXD1
TXD0/TXD
TX_EN
TX_CLK
RXD3/PHYAD0
RXD2/CMDDIS#
RXD1/HI_POWER_EN#
RXD0/RXD/LOW_SPEED_EN#
RX_DV/GPSI_SEL#
RX_CLK
COL/MDIO_INT_EN#
CRS/PIN_INTRP_EN#
MDIO
MDC
X1
X2
IO_VDD1
IO_VDD2
CORE_VDD
ANA_VDD2
ANA_VDD3
IO_GND1
TIP
RING
RBIAS
LED_COL/PHYAD2
LED_ACT/PHYAD1
LED_SPEED/PHYAD3
LED_POWER/PHYAD4
RESET#
RESERVED
RESERVED
RESERVED
ANA_VDD1
IO_GND2
CORE_GND
CORE_SUB(0V)
ANA_GND1
ANA_GND2
ANA_GND3
ANA_GND4
SUB_GND1
SUB_GND2
SUB_GND3
RESERVED
RESERVED
COLLED
COL
GND
R23
4.7K
TXD1
R27
510
CRS
TXD1
25MHZ
3.3V
TXEN
MDIO
TXD2
ACTLED
MDIO
RESET#
C39
0.1u
L1
F.B.
ACTLED
3.3VA1
R22
4.7K
ACTLED
RXDV
TXD3
3.3VA2
PWRLED
SPDLED
RXCLK
RXD0
R24
4.7K
Cillision LED
Activity LED
COLLED
D1
LED
GND
TIP
TXD3
RXD2
3.3V
RXD3
RXD3
L2
F.B.
D2
LED
3.3V
C38
0.1u
RXD2
C42
0.1u
R20
4.7K
TIP
R18
20
TXD2
SPDLED
3.3V
RXD1
RXCLK
RXD1
RING
TXEN
RXDV
COL
C43
0.1u
PCLK
C40
0.1u
CRS
R28
510
TXD0
R29
510
TXD0
MDC
C41
0.1u
RING
C37
0.1u
+
C36
47uF/16V
D3
LED
R25
4.7K
R19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com