Electronic Components Datasheet Search
  English  ▼

X  

UPSD3312D Datasheet(PDF) 85 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 85 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 81Page - STMicroelectronics UPSD3312D Datasheet HTML 82Page - STMicroelectronics UPSD3312D Datasheet HTML 83Page - STMicroelectronics UPSD3312D Datasheet HTML 84Page - STMicroelectronics UPSD3312D Datasheet HTML 85Page - STMicroelectronics UPSD3312D Datasheet HTML 86Page - STMicroelectronics UPSD3312D Datasheet HTML 87Page - STMicroelectronics UPSD3312D Datasheet HTML 88Page - STMicroelectronics UPSD3312D Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
MCU bus interface
Doc ID 9685 Rev 7
85/272
18
MCU bus interface
The MCU module has a programmable bus interface. It is based on a standard 8032 bus,
with eight data signals multiplexed with eight low-order address signals (AD[7:0]). It also has
eight high-order non-multiplexed address signals (A[15:8]). Time multiplexing is controlled
by the address latch signal, ALE.
This bus connects the MCU module to the PSD module, and also connects to external pins
only on 80-pin devices. See the Section 28: AC/DC parameters on page 242 at the end of
this document for external bus timing on 80-pin devices.
Four types of data transfers are supported, each transfer is to/from a memory location
external to the MCU module:
●
Code Fetch cycle using the PSEN signal: fetch a code byte for execution
●
Code Read cycle using PSEN: read a code byte using the MOVC (Move Constant)
instruction
●
XDATA Read cycle using the RD signal: read a data byte using the MOVX (Move
eXternal) instruction
●
XDATA Write cycle using the WR signal: write a data byte using the MOVX instruction
The number of MCU_CLK periods for these transfer types can be specified at runtime by
firmware writing to the SFR register named BUSCON (Table 47 on page 87). Here, the
number of MCU_CLK clock pulses per bus cycle are specified to maximize performance.
Note:
Important: By default, the BUSCON register is loaded with long bus cycle times (6
MCU_CLK periods) after a reset condition. It is important that the post-reset initialization
firmware sets the bus cycle times appropriately to get the most performance, according to
Table 49 on page 88. Keep in mind that the PSD module has a faster Turbo mode (default)
and a slower but less power consuming Non-Turbo mode. The bus cycle times must be
programmed in BUSCON to optimize for each mode as shown in Table 49 on page 88. See
Section 27.4.55: PLD non-turbo mode on page 230 for more details.
18.1
Bus read cycles (PSEN or RD)
When the PSEN signal is used to fetch a byte of code, the byte is read from the PSD module
or external device and it enters the MCU Pre-Fetch Queue (PFQ). When PSEN is used
during a MOVC instruction, or when the RD signal is used to read a byte of data, the byte is
routed directly to the MCU, bypassing the PFQ.
Bits in the BUSCON register determine the number of MCU_CLK periods per bus cycle for
each of these kinds of transfers to all address ranges.
It is not possible to specify in the BUSCON register a different number of MCU_CLK periods
for various address ranges. For example, the user cannot specify 4 MCU_CLK periods for
RD read cycles to one address range on the PSD module, and 5 MCU_CLK periods for RD
read cycles to a different address range on an external device. However, the user can
specify one number of clock periods for PSEN read cycles and a different number of clock
periods for RD read cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com