Electronic Components Datasheet Search
  English  ▼

X  

UPSD3312D Datasheet(PDF) 1 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 1 Page - STMicroelectronics

  UPSD3312D Datasheet HTML 1Page - STMicroelectronics UPSD3312D Datasheet HTML 2Page - STMicroelectronics UPSD3312D Datasheet HTML 3Page - STMicroelectronics UPSD3312D Datasheet HTML 4Page - STMicroelectronics UPSD3312D Datasheet HTML 5Page - STMicroelectronics UPSD3312D Datasheet HTML 6Page - STMicroelectronics UPSD3312D Datasheet HTML 7Page - STMicroelectronics UPSD3312D Datasheet HTML 8Page - STMicroelectronics UPSD3312D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 272 page
background image
May 2009
Doc ID 9685 Rev 7
1/272
1
UPSD33xx
Turbo series
fast 8032 MCU with programmable logic
Features
■ Fast 8-bit Turbo 8032 MCU, 40 MHz
– Advanced core, 4-clocks per instruction
– 10 MIPs, peak performance at 40 MHz
(5 V)
– JTAG debug and in-system programming
– Branch cache and6 instruction prefetch
queue
– Dual XDATA pointers with auto increment
and decrement
– Compatible with 3rd party 8051 tools
■ Dual Flash memories with memory
management
– Place either memory into 8032 program
address space or data address space
– Read-while-write operation for in-
application programming and EEPROM
emulation
– Single voltage program and erase
– 100K guaranteed erase cycles, 15-year
retention
■ Clock, reset, and supply management
– Flexible 8-level CPU clock divider register
– Normal, Idle, and Power-down modes
– Power-on and low voltage reset supervisor
– Programmable watchdog timer
■ Programmable logic, general purpose
– 16 macrocells
– Create shifters, state machines, chip-
selects, glue-logic to keypads, panels,
LCDs, others
■ Packages are ECOPACK®
■ Communication interfaces
–I2C master/slave controller, 833 kHz
– SPI master controller, 10 MHz
– Two UARTs with independent baud rate
– IrDA protocol support up to 115 Kbaud
– Up to 46 I/O, 5 V tolerant on 3.3 V
UPSD33xxV
■ A/D converter
– Eight channels, 10-bit resolution, 6 µs
■ Timers and interrupts
– Three 8032 standard 16-bit timers
– Programmable counter array (PCA), six 16-
bit modules for PWM/CAPCOM/timers
– 8/10/16-bit PWM operation
– 11 interrupt sources with two external
interrupt pins
■ Operating voltage source (±10%)
– 5 V devices use both 5.0 V and 3.3 V
– 3.3 V devices use only 3.3 V source
Table 1.
Device summary
LQFP52 (T) 52-lead, thin, quad, Flat
LQFP80 (U) 80-lead, thin, quad, flat
Reference
Part number
UPSD33xx
UPSD3312D, UPSD3333D, UPSD3334D, UPSD3354D
UPSD3312DV, UPSD3333DV, UPSD3334DV, UPSD3354DV
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - UPSD3312D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3312D-40T6 STMICROELECTRONICS-UPSD3312D-40T6 Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD3312D-40T6T STMICROELECTRONICS-UPSD3312D-40T6T Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD3312D-40U6 STMICROELECTRONICS-UPSD3312D-40U6 Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD3312D-40U6T STMICROELECTRONICS-UPSD3312D-40U6T Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD3312DV-40T6 STMICROELECTRONICS-UPSD3312DV-40T6 Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
More results

Similar Description - UPSD3312D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
Flash Programmable System Devices with 8032 Microcontroller Core
Nov-2004
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
8032 MCU with USB and Programmable Logic
Nov-2004
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
10-Aug-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com