Electronic Components Datasheet Search
  English  ▼

X  

UPSD3312D Datasheet(PDF) 24 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 20Page - STMicroelectronics UPSD3312D Datasheet HTML 21Page - STMicroelectronics UPSD3312D Datasheet HTML 22Page - STMicroelectronics UPSD3312D Datasheet HTML 23Page - STMicroelectronics UPSD3312D Datasheet HTML 24Page - STMicroelectronics UPSD3312D Datasheet HTML 25Page - STMicroelectronics UPSD3312D Datasheet HTML 26Page - STMicroelectronics UPSD3312D Datasheet HTML 27Page - STMicroelectronics UPSD3312D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Pin descriptions
UPSD33xx
24/272
Doc ID 9685 Rev 7
P4.6
SPITXD
TCM5
19
15
I/O
General I/O port
pin
PCA1-TCM5
SPI Transmit
(SPITxD)
P4.7
SPISEL
PCACL
K1
18
14
I/O
General I/O port
pin
PCACLK1
SPI Slave Select
(SPISEL)
AVREF
70
N/A
I
Reference voltage
input for ADC.
Connect AVREF to
VCC if the ADC is
not used.
RD
65
N/A
O
READ Signal,
external bus
WR
62
N/A
O
WRITE Signal,
external bus
PSEN
63
N/A
O
PSEN Signal,
external bus
ALE
4
N/A
O
Address Latch
signal, external bus
RESET_IN
68
44
I
Active low reset
input
XTAL1
48
31
I
Oscillator input pin
for system clock
XTAL2
49
32
O
Oscillator output
pin for system clock
DEBUG
8
5
I/O
I/O to the MCU
debug unit
Table 2.
Pin definitions (continued)
Port pin
Signal
name
80-Pin
num.
52-Pin
num.(1)
In/Out
Function
Basic
Alternate 1
Alternate 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com