Electronic Components Datasheet Search
  English  ▼

X  

UPSD3312D Datasheet(PDF) 95 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 95 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 91Page - STMicroelectronics UPSD3312D Datasheet HTML 92Page - STMicroelectronics UPSD3312D Datasheet HTML 93Page - STMicroelectronics UPSD3312D Datasheet HTML 94Page - STMicroelectronics UPSD3312D Datasheet HTML 95Page - STMicroelectronics UPSD3312D Datasheet HTML 96Page - STMicroelectronics UPSD3312D Datasheet HTML 97Page - STMicroelectronics UPSD3312D Datasheet HTML 98Page - STMicroelectronics UPSD3312D Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Standard 8032 timer/counters
Doc ID 9685 Rev 7
95/272
period (12 / fOSC, seconds). However, if MCU_CLK is divided by the SFR CCON0, then the
sample period must be calculated based on the resultant, longer, MCU_CLK frequency. In
this case, an external clock signal on pins C0, C1, or T2 should have a duration longer than
one MCU machine cycle, tMACH_CYC. Section 19.5: Watchdog timer (WDT) on page 90
explains how to estimate tMACH_CYC.
Table 54.
TCON: Timer Control register (SFR 88h, reset value 00h)
Table 55.
TCON register bit definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Bit
Symbol
R/W
Definition
7TF1
R
Timer 1 overflow interrupt flag.
Set by hardware upon overflow. Automatically cleared by
hardware after firmware services the interrupt for Timer 1.
6
TR1
R,W
Timer 1 run control.
1 = Timer/Counter 1 is on,
0 = Timer/Counter 1 is off.
5TF0
R
Timer 0 overflow interrupt flag.
Set by hardware upon overflow. Automatically cleared by
hardware after firmware services the interrupt for Timer 0.
4
TR0
R,W
Timer 0 run control.
1 = Timer/Counter 0 is on,
0 = Timer/Counter 0 is off.
3IE1
R
Interrupt flag for external interrupt pin, EXTINT1. Set by
hardware when edge is detected on pin. Automatically cleared
by hardware after firmware services EXTINT1 interrupt.
2IT1
R,W
Trigger type for external interrupt pin EXTINT1.
1 = falling edge,
0 = low-level
1IE0
R
Interrupt flag for external interrupt pin, EXTINT0.
Set by hardware when edge is detected on pin. Automatically
cleared by hardware after firmware services EXTINT0
interrupt.
0IT0
R,W
Trigger type for external interrupt pin EXTINT0.
1 = falling edge,
0 = low-level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com