Electronic Components Datasheet Search
  English  ▼

X  

UPSD3312D Datasheet(PDF) 101 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 101 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 97Page - STMicroelectronics UPSD3312D Datasheet HTML 98Page - STMicroelectronics UPSD3312D Datasheet HTML 99Page - STMicroelectronics UPSD3312D Datasheet HTML 100Page - STMicroelectronics UPSD3312D Datasheet HTML 101Page - STMicroelectronics UPSD3312D Datasheet HTML 102Page - STMicroelectronics UPSD3312D Datasheet HTML 103Page - STMicroelectronics UPSD3312D Datasheet HTML 104Page - STMicroelectronics UPSD3312D Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Standard 8032 timer/counters
Doc ID 9685 Rev 7
101/272
Table 60.
Timer/counter 2 operating modes
1C/T2
R,W
Counter or Timer function select.
When C/T2 = 0, function is timer, clocked by internal clock. When C/T2
= 1, function is counter, clocked by signal sampled on external pin, T2.
0CP/RL2
R,W
Capture/Reload.
When CP/RL2 = 1, capture occurs on negative transition at pin T2X if
EXEN2 = 1. When CP/RL2 = 0, auto-reload occurs when Timer 2
overflows, or on negative transition at pin T2X when EXEN2=1. When
RCLK = 1 or TCLK = 1, CP/RL2 is ignored, and Timer 2 is forced to
auto-reload upon Timer 2 overflow
1.
The RCLK1 and TCLK1 Bits in the SFR named PCON control UART1, and have the exact same function
as RCLK and TCLK.
Mode
Bits in T2CON SFR
Pin
T2X
(1)
1.
↓ = falling edge
Remarks
Input clock
RCLK
or
TCLK
CP/RL2
TR2 EXEN2
Timer,
internal
Counter,
external
(pin T2,
P1.0)
16-bit
Auto-
reload
00
1
0
x
reload [RCAP2H,
RCAP2L] to [TH2, TL2]
upon overflow (up
counting)
fOSC/12
MAX
fOSC/24
00
1
1
↓
reload [RCAP2H,
RCAP2L] to [TH2, TL2] at
falling edge on pin T2X
16-bit
Capture
01
1
0
x
16-bit Timer/Counter (up
counting)
fOSC/12
MAX
fOSC/24
01
1
1
↓
Capture [TH2, TL2] and
store to [RCAP2H,
RCAP2L] at falling edge
on pin T2X
Baud Rate
Generator
1x
1
0
x
No overflow interrupt
request (TF2)
fOSC/2
–
1x
1
1
↓
Extra Interrupt on pin T2X,
sets TF2
Off
x
x
0
x
x
Timer 2 stops
–
–
Table 59.
T2CON register bit definition
Bit
Symbol
R/W
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com