Electronic Components Datasheet Search
  English  ▼

X  

UPSD3312D Datasheet(PDF) 110 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 110 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 106Page - STMicroelectronics UPSD3312D Datasheet HTML 107Page - STMicroelectronics UPSD3312D Datasheet HTML 108Page - STMicroelectronics UPSD3312D Datasheet HTML 109Page - STMicroelectronics UPSD3312D Datasheet HTML 110Page - STMicroelectronics UPSD3312D Datasheet HTML 111Page - STMicroelectronics UPSD3312D Datasheet HTML 112Page - STMicroelectronics UPSD3312D Datasheet HTML 113Page - STMicroelectronics UPSD3312D Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Serial UART interfaces
UPSD33xx
110/272
Doc ID 9685 Rev 7
21.3
UART baud rates
The baud rate in mode 0 is fixed:
Mode 0 Baud Rate = fOSC / 12
The baud rate in mode 2 depends on the value of the bit SMOD in the SFR named PCON. If
SMOD = 0 (default value), the baud rate is 1/64 the oscillator frequency, fOSC. If SMOD = 1,
the baud rate is 1/32 the oscillator frequency.
Mode 2 Baud Rate = (2SMOD / 64) x fOSC
Baud rates in modes 1 and 3 are determined by the Timer 1 or Timer 2 overflow rate.
21.3.1
Using Timer 1 to generate baud rates
When Timer 1 is used as the baud rate generator (bits RCLK = 0, TCLK = 0), the baud rates
in modes 1 and 3 are determined by the Timer 1 overflow rate and the value of SMOD as
follows:
Mode 1,3 Baud Rate =
(2SMOD / 32) x (Timer 1 overflow rate)
The Timer 1 Interrupt should be disabled in this application. The Timer itself can be
configured for either “timer” or “counter” operation, and in any of its 3 running modes. In the
most typical applications, it is configured for “timer” operation, in the Auto-reload mode (high
nibble of the SFR TMOD = 0010B). In that case the baud rate is given by the formula:
Mode 1,3 Baud Rate =
(2SMOD / 32) x (fOSC / (12 x [256 – (TH1)]))
Table 67 on page 111 lists various commonly used baud rates and how they can be
obtained from Timer 1.
1TI
R,W
Transmit Interrupt flag.
Causes interrupt at end of 8th bit time when transmitting in
mode 0, or at beginning of stop bit transmission in other
modes. Must clear flag with firmware.
0RI
R,W
Receive Interrupt flag.
Causes interrupt at end of 8th bit time when receiving in
mode 0, or halfway through stop bit reception in other modes
(see SM2 for exception). Must clear this flag with firmware.
Table 66.
SCON1 register bit definition (continued)
Bit
Symbol
R/W
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com