Electronic Components Datasheet Search
  English  ▼

X  

AS3415 Datasheet(PDF) 66 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 66 Page - ams AG

Back Button AS3415 Datasheet HTML 62Page - ams AG AS3415 Datasheet HTML 63Page - ams AG AS3415 Datasheet HTML 64Page - ams AG AS3415 Datasheet HTML 65Page - ams AG AS3415 Datasheet HTML 66Page - ams AG AS3415 Datasheet HTML 67Page - ams AG AS3415 Datasheet HTML 68Page - ams AG AS3415 Datasheet HTML 69Page - ams AG AS3415 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
AS3415/AS3435 – 66
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
R e gister D e scr i p t ion
16h
PBO_MODE
TEST_BIT_4
NO_PBO
PBO_LIN_MU
TE
PBO_MIX_ENA
BLE
PBO_OP2L_ON
PBO_OP2R_ON
PBO_OP1L_ON
PBO_OP1R_ON
17h
ECO
SLIDE_PWR_U
P
LOWBAT_100
ILED<1:0>
0: OFF; 1: 25%;
2: 50%; 3: 100%
ENABLE_HPH_
ECO
ENABLE_MIC_E
CO
ENABLE_LIN_E
CO
ENABLE_OPAM
P_ECO
30h
ANC_L
TEST_BIT_3.1
MICL_VOL<5:0>
Gain from MICL to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
31h
ANC_R
TEST_BIT_6
MICR_VOL<5:0>
Gain from MICR to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
32h
MIC_MON_L
MICL_MON<5:0>
Gain from MICL to QMICL/R = 0dB...+31dB; MUTE and 63 steps of 0.5dB if MON_MODE is active
33h
MIC_MON_R
MICR_MON<5:0>
Gain from MICL to QMICL/R = 0dB...+31dB; MUTE and 63 steps of 0.5dB if MON_MODE is active
34h
MODE_1
MICS_CP_OFF
MICS_OFF
MIC_AGC_O
N
MIC_OFF
NO_LOWBAT_
OFF
CP_OFF
HPH_OFF
LIN_OFF
35h
MODE_2
TEST_BIT_7
HP_RAMP_ON
LINL_ON_DIFF
MICS_DC_OFF
DELAY_HPH_M
UX
HPH_MODE
0: Stereo
1: Mono
Differential
I2C_MODE
Evaluation Registers
3Dh
EVAL
EVAL_ON
MASTER_LIN
_MUTE
MASTER_MIX_
ENABLE
MON_MODE
PBO_MODE
MICL_MUTE
MICR_MUTE
3Eh
CONFIG_1
EXTBURNCLK
3Fh
CONFIG_2
TM34
BURNSW
TM_REG34-35
TM_REG30-33
OTP_MODE<1:0>
0: READ; 1: LOAD;
2: WRITE; 3: BURN
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com