Electronic Components Datasheet Search
  English  ▼

X  

AS3415 Datasheet(PDF) 50 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 50 Page - ams AG

Back Button AS3415 Datasheet HTML 46Page - ams AG AS3415 Datasheet HTML 47Page - ams AG AS3415 Datasheet HTML 48Page - ams AG AS3415 Datasheet HTML 49Page - ams AG AS3415 Datasheet HTML 50Page - ams AG AS3415 Datasheet HTML 51Page - ams AG AS3415 Datasheet HTML 52Page - ams AG AS3415 Datasheet HTML 53Page - ams AG AS3415 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
AS3415/AS3435 – 50
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
OTP Memory & Internal Registers
The OTP (one-time programmable) memory consists of OTP
registers (0x10 - 0x17 and 0x30 - 0x35) and the OTP fuses. The
OTP registers can be written as often as wanted but they are
volatile memory. It is possible to access the OTP registers using
the I²C interface for “soft programming” the part or via the
production programming interface pins (TRSDA and TRSCL). In
order to store chip configuration data to the ANC chipset, the
OTP registers are linked together with the OTP fuses shown in
Figure 65. The OTP fuse block is a shadow register of the OTP
registers that are nonvolatile memory cells. These registers
store chip parameters during power-down. Programming the
fuses can be done three times and is a permanent change. In
order to configure the ANC chipset during startup the OTP fuse
content is loaded to the OTP registers. The AS3415/35 offers 3
OTP fuse sets for storing the microphone gain making it
possible to change the gain 2 times for re-calibration or other
purposes. In order to determine the right register settings for
microphone gain in production, as well as in the engineering
design phase, the non-volatile OTP registers should be used
without OTP programming. This allows you to configure all
registers as many times as desired to find the best microphone
gain calibration data. Once all the right register settings have
been found, the OTP fuse block should be used to store these
settings.
Figure 65:
Register Access
Register Access: This diagram shows the OTP and register architecture of the AS3515/35.
A single OTP cell can be programmed only once. By default, the
cell is “0”; a programmed cell will contain a “1”. While it is not
possible to reset a programmed bit from “1” to “0”, multiple OTP
writes are possible, but only additional un-programmed
“0”-bits can be programmed to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com