Electronic Components Datasheet Search
  English  ▼

X  

AS3415 Datasheet(PDF) 59 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 59 Page - ams AG

Back Button AS3415 Datasheet HTML 55Page - ams AG AS3415 Datasheet HTML 56Page - ams AG AS3415 Datasheet HTML 57Page - ams AG AS3415 Datasheet HTML 58Page - ams AG AS3415 Datasheet HTML 59Page - ams AG AS3415 Datasheet HTML 60Page - ams AG AS3415 Datasheet HTML 61Page - ams AG AS3415 Datasheet HTML 62Page - ams AG AS3415 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 59
Detaile d Desc rip t ion
The I²C addresses for the devices in the different connection
modes can be found in Figure 74.
Figure 74:
I²C Slave Address Table
I²C Slave Address Table: Shows the two I²C addresses for the AS3515/35 depending on the master connection.
When the I²C master is accessing two devices on the bus it is
important not violating the minimum bus idle time of 2.5ms.
Thus, if the I²C master is communicating with device one it is
not possible to read/write for example from device two right
after a read/write command has been sent to device one
without a minimum bus idle time of 2.5ms. Due to the reason
that the AS3415/35 does not have a dedicated I²C address
selection pin this idle time is necessary to recover the internal
I²C address selection block for a correct I²C slave address
detection. The I²C address selection timing diagram in Figure 75
shows the necessary bus idle time.
Figure 75:
I²C Address Selection Timing
DEVICE Number
7 bit I²C address
8 Bit read address
8 Bit write address
1(default)
0x47
0x8F
0x8E
2
0x46
0x8D
0x8C
I2C Bus Traffic
DEVICE1:WRITE
DEVICE1:READ
DEVICE1:WRITE
DEVICE1:READ
BUS IDLE
I2C Bus Traffic
DEVICE2:WRITE
DEVICE2:READ
DEVICE2:WRITE
DEVICE2:READ
BUS Condition
Target Device
>2.5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com