Electronic Components Datasheet Search
  English  ▼

X  

AS3415 Datasheet(PDF) 43 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 43 Page - ams AG

Back Button AS3415 Datasheet HTML 39Page - ams AG AS3415 Datasheet HTML 40Page - ams AG AS3415 Datasheet HTML 41Page - ams AG AS3415 Datasheet HTML 42Page - ams AG AS3415 Datasheet HTML 43Page - ams AG AS3415 Datasheet HTML 44Page - ams AG AS3415 Datasheet HTML 45Page - ams AG AS3415 Datasheet HTML 46Page - ams AG AS3415 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 43
Detaile d Desc rip t ion
Modes of Operation
If the AS3415/35 is in stand-alone mode (no I²C control), the
device can work in different operation modes. An overview of
the different operation modes is shown in Figure 52.
Figure 52:
Operation Modes
Operation Modes: This table gives an overview of the different operation modes of the AS3415/35.
With the AS3415/35 the design engineer has different options
to enter the described operation modes shown in Figure 52. In
addition to the different switch and push buttons connections
described in the following three chapters, it is also important
to configure the chipset accordingly. Figure 53 shows the
required register configuration settings to enable the different
AS3415/35 control modes.
Figure 53:
User Interface Control Modes
Stand Alone Operation Mode: Shows the different operation modes that can be selected with push button
control or slide switch control.
MODE
Description
OFF
Chip is turned off.
ANC
Chip is turned on and active noise cancellation is active
MONITOR
In monitor mode, a different (normally higher) microphone preamplifier gain can be chosen to
get an amplification of the surrounding noise. To get rid of the low pass filtering needed for
the noise cancellation, the headphone input multiplexer can be set to a different (normally to
MIC) source to increase speech intelligibility. In addition, the Line In gain can be lowered to
reduce the loudness of the music currently played back. If desired the music can also be
disabled completely in monitor mode. If the device is operated in I²C mode, it is also possible
to enter the monitor mode by setting the MON_MODE bit in register 0x3D.
PBO
The Playback Only Mode is a special mode that disables the noise cancelling function and just
keeps the line input amplifier as well as the headphone amplifier active. This allows the user to
make use of a possibly implemented equalizer function like bass boost just for listening to
music without ANC function.
MODE
Register Name
SLIDE_PWR_UP
SLIDER_MON
Button Mode
0
0
Do not use
0
1
Slider Mode
1
0
Full Slider Mode
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com