Electronic Components Datasheet Search
  English  ▼

X  

AS3415 Datasheet(PDF) 31 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 31 Page - ams AG

Back Button AS3415 Datasheet HTML 27Page - ams AG AS3415 Datasheet HTML 28Page - ams AG AS3415 Datasheet HTML 29Page - ams AG AS3415 Datasheet HTML 30Page - ams AG AS3415 Datasheet HTML 31Page - ams AG AS3415 Datasheet HTML 32Page - ams AG AS3415 Datasheet HTML 33Page - ams AG AS3415 Datasheet HTML 34Page - ams AG AS3415 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 31
Detaile d Desc rip t ion
Headphone Parameter: This table shows the detailed electrical characteristics of the headphone amplifier like
output power, SNR and channel separation.
PHP_BRIDGE
Nominal Output
Power Differential
Mode
VBAT = 1.8V, 32Ω load
110
mW
VBAT = 1.5V, 32Ω load
75
mW
VBAT = 1.0V, 32Ω load
30
mW
VBAT = 1.8V, 16Ω load
150
mW
VBAT = 1.5V, 16Ω load
100
mW
VBAT = 1.0V, 16Ω load
35
mW
IHPH
Supply current
Normal mode
2.4
mA
ECO mode
2
mA
PSRRHP
Power Supply
Rejection Ratio
1kHz
100
dB
SNR
Signal to Noise
Ration
High Quality Mode, 0dB gain via
MIXx input pin, 32Ω load
112
dB
ECO Mode, 0dB gain via MIXx
input pin, 32Ω load
110
dB
Channel
Separation
32Ω load
-87
dB
VNoise-A
Output Noise Floor
A-Weighted
High Quality Mode, 32Ω load,
HP_MUX = nc, Mixer input
disabled, 0dB gain
2.8
μV
ECO Mode, 32Ω load, HP_MUX =
nc, Mixer input disabled, 0dB
gain
3.3
μV
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com