Electronic Components Datasheet Search
  English  ▼

X  

AS3415 Datasheet(PDF) 10 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 10 Page - ams AG

Back Button AS3415 Datasheet HTML 6Page - ams AG AS3415 Datasheet HTML 7Page - ams AG AS3415 Datasheet HTML 8Page - ams AG AS3415 Datasheet HTML 9Page - ams AG AS3415 Datasheet HTML 10Page - ams AG AS3415 Datasheet HTML 11Page - ams AG AS3415 Datasheet HTML 12Page - ams AG AS3415 Datasheet HTML 13Page - ams AG AS3415 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
AS3415/AS3435 – 10
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
E l ec t r i c al C h a r ac teri sti c s
Block Power Requirements @ 1.5V VBAT
IOFF
Off mode current
MODE pin low, device switched off
1
μA
ISYS
Reference supply
current
Bias generation, oscillator, POR
0.46
mA
IVNEG
VNEG Charge Pump
0.36
mA
ILIN
LineIn gain stage
current
No signal, stereo, normal mode
1.4
mA
No signal, stereo, ECO mode
1
mA
IMIC
Mic gain stage
current
No signal, stereo, normal mode
1.5
mA
No signal, stereo, ECO mode
1.1
mA
IHP
Headphone stage
current
No signal, normal mode
2.4
mA
No signal, ECO mode
2
mA
IMICS
MICS charge pump
current
No load
400
μA
IOP1
OP1 supply current
OP1L and OP1R enabled, normal mode
1.4
mA
OP1L and OP1R enabled, ECO mode
1
mA
IOP2
OP2 supply current
OP2L and OP2R enabled, normal mode
1.4
mA
OP2L and OP2R enabled, ECO mode
1
mA
Typical System Power Consumption
PFF
Typical power
consumption feed
forward application
OP1L, OP1R enabled
OP2L, OP2R disabled
500μA microphone load
ILED disabled
13.5
mW
PFF_ECO
Typical power
consumption feed
forward application
in ECO mode
All blocks in ECO mode
OP1L, OP1R enabled
OP2L, OP2R disabled
500μA microphone load
ILED disabled
10.5
mW
PFB
Typical power
consumption feed
forward application
OP1L, OP1R enabled
OP2L, OP2R enabled
500μA microphone load
ILED disabled
15.5
mW
PFB_ECO
Typical power
consumption
feedback application
in ECO mode
All blocks in ECO mode
OP1L, OP1R enabled
OP2L, OP2R enabled
500μA microphone load
ILED disabled
13
mW
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com