Electronic Components Datasheet Search
  English  ▼

X  

AS3695A Datasheet(PDF) 23 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 23 Page - ams AG

Back Button AS3695A Datasheet HTML 19Page - ams AG AS3695A Datasheet HTML 20Page - ams AG AS3695A Datasheet HTML 21Page - ams AG AS3695A Datasheet HTML 22Page - ams AG AS3695A Datasheet HTML 23Page - ams AG AS3695A Datasheet HTML 24Page - ams AG AS3695A Datasheet HTML 25Page - ams AG AS3695A Datasheet HTML 26Page - ams AG AS3695A Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AS3695A
austria
microsystems
www.austriamicrosystems.com
Rev 1.10 / 2010-12-8
22 - 33
5.4
SPI protocol
5.4.1 Data types
When xCS=0 all slaves will be activated. The addressing and data section is organized in byte
packages. Each message can be built with the following Bytes:
Device address:
Addresses a specific driver and defines protocol information
Bit
Meaning
Value
B
Broadcast
B=1...Broadcast message to all devices
B=0...Normal message to one single device
S
Singlebyte
S=0...Block data read or write
S=1...Single data transmission ( only one byte )
DevAddr[5:0]
Device Address
0x00 Write same data to same register of all devices ( B=1 )
0x01 to 0x3E. Device addresses for device 1 to 62
0x3F Write different data to same register of all devices ( B=1 )
Nr_of_data:
Defines the number of data bytes in the data frame if S=0
Bit
Meaning
Value
NrOfdata[7:0]
Number of data
bytes in frame
0x00 to 0xFF
Register_address:
Register address to be read or written
Bit
Meaning
Value
RW
Read/xWrite
RW=0 write to reg address
RW=1 read from reg address
RegAddr[6:0]
Select register
address
0x00 to 0x60
Data:
Data
Bit
Meaning
Value
data [7:0],
Data
0x00 to 0xFF
S
B
DevAddr[5:0]
NrOfdata[7:0]
RW
RegAddr[6:0]
data[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com