Electronic Components Datasheet Search
  English  ▼

X  

AS3695A Datasheet(PDF) 3 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 3 Page - ams AG

  AS3695A Datasheet HTML 1Page - ams AG AS3695A Datasheet HTML 2Page - ams AG AS3695A Datasheet HTML 3Page - ams AG AS3695A Datasheet HTML 4Page - ams AG AS3695A Datasheet HTML 5Page - ams AG AS3695A Datasheet HTML 6Page - ams AG AS3695A Datasheet HTML 7Page - ams AG AS3695A Datasheet HTML 8Page - ams AG AS3695A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
AS3695A
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 2010-12-8
2 - 33
2
Typical application
( Epad )
FB2
VDD
VDD
SDI
Vref
16x Precision current sink
V2_5
VSS_Sense
Power Supply
Vin
AS3695A
16 output
SPI
SCLK
xCS
16 x PWM
SDO
xFault
FB1
HSYNC
VSYNC
xRES
RES1
Vdcdc
Cfb
Rfb
VDD
CURR1
4.7uF
2.2uF
channels
10uF
RES2
CURR2
RES15
CURR15
RES16
CURR16
VSSA VSSA
VDD
VSSA
Rfb
Cfb
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com