Electronic Components Datasheet Search
  English  ▼

X  

AS3695A Datasheet(PDF) 6 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 6 Page - ams AG

Back Button AS3695A Datasheet HTML 2Page - ams AG AS3695A Datasheet HTML 3Page - ams AG AS3695A Datasheet HTML 4Page - ams AG AS3695A Datasheet HTML 5Page - ams AG AS3695A Datasheet HTML 6Page - ams AG AS3695A Datasheet HTML 7Page - ams AG AS3695A Datasheet HTML 8Page - ams AG AS3695A Datasheet HTML 9Page - ams AG AS3695A Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
AS3695A
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 2010-12-8
5 - 33
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vopen
Open LED detection
Voltage at Pin Sx
Programmable,
Tolerance ±10%
50
100
200
VDAC
/2
mV
mV
mV
V
Tovtemp
Over temperature limit
130
140
150
°C
Thyst
Over termperature
hysteresis
10
°C
3.2.5 PWM-generators
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Internal Clock for PWM
400
500
600
kHz
fHSYNC
HSYNC frequency
100
2000
kHz
fVSYNC
VSYNC frequency
60
480
Hz
3.2.6 Digital pins
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIH
High Level Input voltage
1.3
VDD
V
VIL
Low Level Input voltage
-0.3
0.8
V
VoH
High Level output voltage
VDD-
0.3
V
I=mA
VoL
Low Level output voltage
VDD-
0.3
V
I=mA
VoL_PD
Low level output voltage open
drain outputs
VDD-
0.3
V
I=mA
R_pu
Input resistance PullUp inputs
300
k
R_pd
Input resistance PullDown inputs
300
k
3.2.7 SPI-timings
Symbol
Parameter
Min
Typ
Max
Unit
Note
fsclk
SCLK frequency
0
10
MHz
t1
xCS setup time
50
ns
t2
xCS hold time
100
ns
t3
xCS disable time
100
ns
t4
SDI setup time
5
ns
t5
SDI hold time
5
ns
t6
SCLK rise time
5
ns
t7
SCLK fall time
5
ns
t8
SCLK low time
40
ns
t9
SCLK high time
40
ns
t10
output valid from SCLK low
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com