Electronic Components Datasheet Search
  English  ▼

X  

AS3695A Datasheet(PDF) 5 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 5 Page - ams AG

  AS3695A Datasheet HTML 1Page - ams AG AS3695A Datasheet HTML 2Page - ams AG AS3695A Datasheet HTML 3Page - ams AG AS3695A Datasheet HTML 4Page - ams AG AS3695A Datasheet HTML 5Page - ams AG AS3695A Datasheet HTML 6Page - ams AG AS3695A Datasheet HTML 7Page - ams AG AS3695A Datasheet HTML 8Page - ams AG AS3695A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AS3695A
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 2010-12-8
4 - 33
3.2.3 Current outputs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vcurrx
Output voltage pins
CURRx
30
V
Icurrx
Output current
VDAC = 0.25V Vcurr = 0.6V
120
mA
Rcurrx
Input resistance in
CURRx
PWM = 0
PWM = 1
10
0.1
M
M
IResx
Input current pin RESx
URESx = 0.5V
URESx = 0.8V
10
100
uA
Iled_250
Trimmed
Current accuracy
Trimmed during production
ILED =100mA, Temp = 25°C,
DACref=800mV, VDAC = 250mV
(1)
(excluding error of external Rset)
-0.5
+0.5
%
Iled_all
FET
Current accuracy
External FET
Temp = 25°C, DACref=800mV,
VDAC = 200mV to 800mV
(2)
(excluding error of external Rset)
-1.4
+1.4
%
Ich_250
Channel to channel
Current accuracy
ILED =100mA, Temp = 25°C,
DACref=800mV, VDAC = 250mV
(1)
(excluding error of external Rset)
0.2
%
Iled_all
FET
Current accuracy
Tjunction = -20°C to +100°C,
DACref=800mV,
VDAC = 200mV to 800mV
(2)
(excluding error of external Rset)
-1.5
+1.5
%
Note:
(1) It is recommended to use DACref = 800mV in order to achieve specified accuracy
(2) It is not recommended to use DAC-voltages < 200mV in order to minimize influences from PCB-
layout and noise.
3.2.4 Feedback circuit, fault detectors
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IFBmax
Feedback current
maximum
200
uA
RFBmin
Minim output resistance
VCURRx = 0.2V
200
500
IFB_g
FB transconductance
IFB_g = ∆IFB/ ∆VCURRx
-2
mA/V
VFB
Feedback voltage trip
point
Programmable,
Tolerance ±10%
0.6
0.8
1.0
VDAC
+0.35
V
Vshort
Short LED detection
voltage at Pin Dx
Programmable,
Tolerance ±1.2V
2
3
4
5
6
7
8
9
10
11
12
V
V
V
V
V
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com