Electronic Components Datasheet Search
  English  ▼

X  

AS3695A Datasheet(PDF) 4 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 4 Page - ams AG

  AS3695A Datasheet HTML 1Page - ams AG AS3695A Datasheet HTML 2Page - ams AG AS3695A Datasheet HTML 3Page - ams AG AS3695A Datasheet HTML 4Page - ams AG AS3695A Datasheet HTML 5Page - ams AG AS3695A Datasheet HTML 6Page - ams AG AS3695A Datasheet HTML 7Page - ams AG AS3695A Datasheet HTML 8Page - ams AG AS3695A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
AS3695A
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 2010-12-8
3 - 33
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated in
Section “Electrical Characteristics” is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
Note
VDDMAX
Supply voltage
-0.3
7
V
Applicable for pin VDD
VIN_5V
Maximum voltage
-0.3
VDD
+0.3V
V
Applicable for 5V pins
(1)
VIN_30V
Maximum voltage
-0.3
30
V
Applicable for 30V pins
(2)
Ilatch
Latch-Up immunity
-100
+100
mA
Norm: EIA/JESD78
TSTRG
Storage Temperature Range
-55
150
°C
Maximum Junction Temperature
Humidity
5
85
%
Non condensing
VESD_LV
Electrostatic Discharge on all 5V
pins
(1)
-2000
2000
V
Norm: MIL 883 E Method 3015
Human body model
VESD_HV
Electrostatic Discharge on 30V
pins
(2) against GND
-6000
6000
V
Norm: MIL 883 E Method 3015
Human body model
TBODY
Body Temperature during
Soldering
260
°C
according to IPC/JEDEC J-STD-
020C
Note: (1) Pins xRES, SDI, SCLK, SDO, xCS, VSYNC, HSYNC, VDD, xFault, FB1, FB2, RES1-RES16, V2_5
(2) Pins CURR1 – CURR16
3.2
Operating Conditions
3.2.1 General
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rthja
Thermal resistance
junction – ambient
QFN48
30
°C/W
Tcase
Case Temperatur
-20
85
°C
Tj
Junction Temperature
-20
115
°C
3.2.2 Power supply
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
4.0
5.5
V
VDD_POR
Power on reset level
Circuit stays in power down until VDD_POR is
reached.
2.4
2.9
V
IDD_q
Quiescent current
VDD= 5V, Default setting, PWM = 0
20
mA
IDD_r
Supply current
VDD = 5V, HSYNC = 1MHz, Duty = 50%
30
mA
V2_5
Voltage regulator output
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com