Electronic Components Datasheet Search
  English  ▼

X  

TMG49037 Datasheet(PDF) 79 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 79 Page - ams AG

Back Button TMG49037 Datasheet HTML 75Page - ams AG TMG49037 Datasheet HTML 76Page - ams AG TMG49037 Datasheet HTML 77Page - ams AG TMG49037 Datasheet HTML 78Page - ams AG TMG49037 Datasheet HTML 79Page - ams AG TMG49037 Datasheet HTML 80Page - ams AG TMG49037 Datasheet HTML 81Page - ams AG TMG49037 Datasheet HTML 82Page - ams AG TMG49037 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
ams Datasheet
Page 79
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Application Information
Control Registers
The remote control engine has 19 fields that govern pattern
timing and flow, output selection, and report status. All
pertinent fields are listed in the figure below.
Figure 88:
Remote Control Registers and Fields
Pertinent Control Registers: Resources associated with Remote Control.
Register / Bit
Address
Description
ENABLE<PON>
0x80<0>
Power On
ENABLE<IBEN>
0x80<7>
IRBeam Enable
CFG0 <RAM_BANK>
0x8D<0>
RAM Bank Select
PGCFG1 <PGLDRIVE>
0x8F<4:0>
LED Drive Strength
STATUS <IINT>
0x93<3>
IRBeam Interrupt (mirrors ISTATUS<IINT>)
ICONFIG <IIEN>
0xA0<5>
IRBeam Interrupt Enable
ICONFIG2 <IINVERT>
0xA1<5>
IRBeam Polarity Inversion
ICONFIG2 <IOUTPUT>
0xA1<4:3>
Output Select
ICONFIG2 <IRCDCMODE>
0xA1<2>
DC Carrier Select
ICONFIG2 <IDUTY>
0xA1<1:0>
Duty Cycle Select
ISNL <ISNL>
0xA2<7:0>
Number of Repeated Sub-pattern Loops
ISOFF <ISOFF>
0xA3<7:0>
Pause between Sub-pattern Bursts
IPNL <IPNL>
0xA4<7:0>
Number of Complete Pattern Loops
IPOFF <IPOFF>
0xA5<7:0>
Pause between Pattern Bursts
IBT <IBT>
0xA6<5:0>
Carrier Selection Time
ISTATUS <IINT>
0xA8<1>
IRBeam Interrupt
ISTATUS <IBUSY>
0xA8<0>
IRBeam Busy
ISTART <ISTARTREMCON>
0xA9<1>
Remote Control Start Pattern Burst
INTCLEAR <INTCLEAR_IINT>
0xDE<3>
IRBeam Interrupt Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com