Electronic Components Datasheet Search
  English  ▼

X  

TMG49037 Datasheet(PDF) 22 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 22 Page - ams AG

Back Button TMG49037 Datasheet HTML 18Page - ams AG TMG49037 Datasheet HTML 19Page - ams AG TMG49037 Datasheet HTML 20Page - ams AG TMG49037 Datasheet HTML 21Page - ams AG TMG49037 Datasheet HTML 22Page - ams AG TMG49037 Datasheet HTML 23Page - ams AG TMG49037 Datasheet HTML 24Page - ams AG TMG49037 Datasheet HTML 25Page - ams AG TMG49037 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − Register Description
0x97
RDATAH
R
Red ADC high data register
0x00
0x98
GDATAL
R
Green ADC low data register
0x00
0x99
GDATAH
R
Green ADC high data register
0x00
0x9A
BDATAL
R
Blue ADC low data register
0x00
0x9B
BDATAH
R
Blue ADC high data register
0x00
0x9C
PDATAL
R
Proximity ADC low data register
0x00
0x9D
PDATAH
R
Proximity ADC high data register
0x00
0x9E
STATUS2
R
Additional device status
0x00
0x9F
CFG2
R/W
Configuration register two
0x04
0xA0
ICONFIG
R/W
IRBeam configuration register one
0x00
0xA1
ICONFIG2
R/W
IRBeam configuration register two
0x00
0xA2
ISNL
R/W
IRBeam symbol loops
0x00
0xA3
ISOFF
R/W
IRBeam delay between symbol loops
0x00
0xA4
IPNL
R/W
IRbeam packet loops
0x00
0xA5
IPOFF
R/W
IRBeam delay between packet loops
0x00
0xA6
IBT
R/W
IRBeam time period
0x00
0xA7
ISLEN
R/W
IRBeam symbol length
0x00
0xA8
ISTATUS
R
IRBeam status
0x00
0xA9
ISTART
R/W
IRBeam start transmission
0x00
0xAB
CFG3
R/W
Configuration register three
0x00
0xAC
CFG4
R/W
Configuration register four
0x07
0xAD
CFG5
R/W
Configuration register five
0x08
0xB0
GCFG0
R/W
Gesture configuration register zero
0x00
0xB1
GCFG1
R/W
Gesture configuration register one
0x8F
0xB2
GCFG2
R/W
Gesture configuration register two
0x80
0xB3
STATUS3
R
Status register three
0x00
0xB4
GTIME
R/W
Gesture time
0x0A
0xB5
GST_CTRL
R/W
Gesture control
0x00
0xB6
GTHR_INL
R/W
Gesture entry threshold low byte
0x00
0xB7
GTHR_INH
R/W
Gesture entry threshold high byte
0x00
Address
Register Name
R/W
Register Function
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com