Electronic Components Datasheet Search
  English  ▼

X  

TMG49037 Datasheet(PDF) 43 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 43 Page - ams AG

Back Button TMG49037 Datasheet HTML 39Page - ams AG TMG49037 Datasheet HTML 40Page - ams AG TMG49037 Datasheet HTML 41Page - ams AG TMG49037 Datasheet HTML 42Page - ams AG TMG49037 Datasheet HTML 43Page - ams AG TMG49037 Datasheet HTML 44Page - ams AG TMG49037 Datasheet HTML 45Page - ams AG TMG49037 Datasheet HTML 46Page - ams AG TMG49037 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
ams Datasheet
Page 43
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Register Description
IRBeam Configuration Register Two
(ICONFIG2 0xA1)
Figure 47:
IRBeam Configuration Register Two
76
5
4
3
2
1
0
Reserved
IINVERT
IOUTPUT
IRCDCMODE
IDUTY
Field
Bits
Description
Reserved
7:6
Reserved.
IINVERT
5
IRBeam Invert. If asserted, the IRBeam output is inverted.
IOUTPUT
4:3
IRBeam Output Pin. Define which output pin used for IRBeam.
VALUE
IRBEAM OUTPUT PIN
0LDR
1
LDR (digital mode)
2INT
3GPIO
IRCDCMODE
2
IRBeam Remote Control DC Mode. If asserted, the pattern is
transmitted in DC mode without carrier modulation. Timing is still
defined by the IBT register.
IDUTY
1:0
IRBeam Duty Cycle. Define the IRBeam duty cycle.
VALUE
IRBEAM DUTY CYCLE
050%
1
37.5%
225%
3
12.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com