Electronic Components Datasheet Search
  English  ▼

X  

TMG49037 Datasheet(PDF) 25 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 25 Page - ams AG

Back Button TMG49037 Datasheet HTML 21Page - ams AG TMG49037 Datasheet HTML 22Page - ams AG TMG49037 Datasheet HTML 23Page - ams AG TMG49037 Datasheet HTML 24Page - ams AG TMG49037 Datasheet HTML 25Page - ams AG TMG49037 Datasheet HTML 26Page - ams AG TMG49037 Datasheet HTML 27Page - ams AG TMG49037 Datasheet HTML 28Page - ams AG TMG49037 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
ams Datasheet
Page 25
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Register Description
Enable Register (ENABLE 0x80)
Enable has fields that power on the device and enable the
functions. Before enabling any functions, all of the bits
associated with each function must be set. Changing control
register values while operating may result in invalid results.
Figure 28:
Enable Register
76543210
IBEN
GEN
PIEN
AIEN
WEN
PEN
AEN
PON
Field
Bits
Description
IBEN
7
IRBeam Enable. When asserted, the LED driver pin (LDR) is controlled by the
IRBeam state machine. Proximity is suppressed. ALS continues in the
background except when IBUSY = 1 (ISTATUS register).
GEN
6
Gesture Enable. When asserted, the gesture state machine can be activated
by setting GMODE = 1 or when a proximity value is above the gesture entry
threshold.
PIEN
5
Proximity Interrupt Enable. When asserted permits proximity interrupts to
be generated, subject to the proximity thresholds and persistence filter.
AIEN
4
ALS Interrupt Enable. When asserted permits ALS interrupts to be
generated, subject to the ALS thresholds and persistence filter.
WEN
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
PEN
2
Proximity Enable. This bit activates the proximity function. Writing a 1
enables proximity. Writing a 0 disables proximity.
AEN
1
ALS Enable. This bit activates the ALS/Color functionality. Writing a 1
enables ALS/Color. Writing a 0 disables ALS/Color.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator and clears IBEN, PEN, and AEN. Only set this bit after all
other registers have been initialized by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com