Electronic Components Datasheet Search
  English  ▼

X  

TMG49037 Datasheet(PDF) 27 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 27 Page - ams AG

Back Button TMG49037 Datasheet HTML 23Page - ams AG TMG49037 Datasheet HTML 24Page - ams AG TMG49037 Datasheet HTML 25Page - ams AG TMG49037 Datasheet HTML 26Page - ams AG TMG49037 Datasheet HTML 27Page - ams AG TMG49037 Datasheet HTML 28Page - ams AG TMG49037 Datasheet HTML 29Page - ams AG TMG49037 Datasheet HTML 30Page - ams AG TMG49037 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
ams Datasheet
Page 27
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Register Description
Proximity Sample Time Register (PTIME 0x82)
Figure 30:
Proximity Sample Time Register
76
5
4
3
2
10
PTIME
Field
Bits
Description
PTIME
7:0
Proximity Sample Time. Sets the proximity sample rate. The power on reset value is
0x00. Proximity is executed once for each sample time.
VALUE
SAMPLE TIME
FREQUENCY
0x00
2.78ms
360Hz
0x01
5.56ms
180Hz
0x03
11.1ms
90Hz
0x23
100ms
10Hz
…
2.78ms X (PTIME +1)
1/Proximity Sample Time
0xFF
711ms
1.41Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com