Electronic Components Datasheet Search
  English  ▼

X  

TMG49037 Datasheet(PDF) 62 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 62 Page - ams AG

Back Button TMG49037 Datasheet HTML 58Page - ams AG TMG49037 Datasheet HTML 59Page - ams AG TMG49037 Datasheet HTML 60Page - ams AG TMG49037 Datasheet HTML 61Page - ams AG TMG49037 Datasheet HTML 62Page - ams AG TMG49037 Datasheet HTML 63Page - ams AG TMG49037 Datasheet HTML 64Page - ams AG TMG49037 Datasheet HTML 65Page - ams AG TMG49037 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
Page 62
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − Register Description
Calibration Configuration Register Zero
(CALIBCFG0 0xD8)
Figure 74:
Calibration Configuration Register Zero
76
5
4
3
2
1
0
Reserved
DCAVG_
AUTO_OFFSET_
ADJUST
Reserved
ELECTRICAL_
CALIBRATION
BINSRCH_
SKIP
DCAVG_ITERATIONS
Field
Bits
Description
Reserved
7
Reserved.
DCAVG_AUTO_OFFSET_ADJUST
6
DC Averaging Auto Offset Adjust. If set, then during DC
averaging, whenever an ADC measurement is zero, the
appropriate offset register will be decreased and the
OFFSET_ADJUSTED flag is set. Note also that DC averaging
is not automatically restarted when this happens, so the
calculated baseline might be wrong. Software could restart
averaging in this case.
Reserved
5
Reserved.
ELECTRICAL_CALIBRATION
4
Enable Electrical Calibration. When asserted the
calibration routine will perform an internal electrical
calibration to adjust the proximity offset registers to
remove electrical crosstalk – there is no optical response at
all for this routine. When not asserted, calibration will
measure both optical and electrical crosstalk during
calibration.
BINSRCH_SKIP
3
Binary Search Skip. When asserted the calibration routine
will skip the binary search step. It is useful if zeroes are
detected during the DC averaging process to manually
reset the baseline and reduce the likelihood of zero counts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com