Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 5 Page - Texas Instruments

  TMP102 Datasheet HTML 1Page - Texas Instruments TMP102 Datasheet HTML 2Page - Texas Instruments TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TMP102-Q1
www.ti.com
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
6.6 Timing Requirements
see the Timing Diagrams section for additional information
HIGH-SPEED
FAST MODE
MODE
UNIT
MIN
MAX
MIN
MAX
ƒ(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.85
MHz
Bus-free time between STOP and START
t(BUF)
600
160
ns
condition
Hold time after repeated START condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
See Two-Wire Timing Diagrams.
t(SUSTA)
repeated start condition setup time
600
160
ns
t(SUSTO)
STOP Condition Setup Time
600
160
ns
t(HDDAT)
Data hold time
100
900
25
105
ns
t(SUDAT)
Data setup time
100
25
ns
V+ , see Two-Wire Timing
t(LOW)
SCL-clock low period
1300
210
ns
Diagrams
t(HIGH)
SCL-clock high period
See Two-Wire Timing Diagrams
600
60
ns
tFD
Data fall time
See Two-Wire Timing Diagrams
300
80
ns
See Two-Wire Timing Diagrams
300
ns
tRD
Data rise time
SCLK
≤ 100 kHz, see Two-Wire
1000
ns
Timing Diagrams
tFC
Clock fall time
See Two-Wire Timing Diagrams
300
40
ns
tRC
Clock rise time
See Two-Wire Timing Diagrams
300
40
ns
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com