Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 1 Page - Texas Instruments

  TMP102 Datasheet HTML 1Page - Texas Instruments TMP102 Datasheet HTML 2Page - Texas Instruments TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
0.01 µF
Two-Wire
Host Controller
TMP102-Q1
1.4 V to 3.6 V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
5 k
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP102-Q1
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TMP102-Q1
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus
and Two-Wire Serial Interface in SOT563
1 Features
3 Description
The TMP102-Q1 device is a digital temperature
1
•
AEC-Q100 Qualified with:
sensor
ideal
for
NTC
and
PTC
thermistor
–
Temperature Grade 1: –40°C to 125°C
replacement where high accuracy is required. The
Ambient Operating Temperature Range
device offers an accuracy of ±0.5°C without requiring
–
HBM ESD Classification Level 2
calibration or external component signal conditioning.
Device temperature sensors are highly linear and do
–
CDM ESD Classification Level C6
not require complex calculations or lookup tables to
•
SOT563 Package (1.6 mm × 1.6 mm) is a 68%
derive the temperature. The on-chip 12-bit ADC offers
Smaller Footprint than SOT23
resolutions down to 0.0625°C.
•
Accuracy Without Calibration:
The 1.6-mm × 1.6-mm SOT563 package is 68%
–
2°C (Max) from –25°C to 85°C
smaller footprint than an SOT23 package. The
TMP102-Q1 device features SMBus, two-wire, and
–
3°C (Max) from –40°C to 125°C
I2C interface compatibility, and allows up to four
•
Low Quiescent Current:
devices on one bus. The device also features an
–
10-
μA Active (Max)
SMBus alert function. The device is specified to
–
1-
μA Shutdown (Max)
operate over supply voltages from 1.4 V to 3.6 V with
the maximum quiescent current of 10 µA over the full
•
Supply Range: 1.4 V to 3.6 V
operating range.
•
Resolution: 12 Bits
The
TMP102-Q1
device
is
ideal
for
extended
•
Digital Output: SMBus™, Two-Wire, and I2C
temperature
measurement
in
a
variety
of
Interface Compatibility
communication, computer, consumer, environmental,
•
NIST Traceable
industrial,
and
instrumentation
applications.
The
device is specified for operation over a temperature
2 Applications
range of –40°C to 125°C.
•
Climate Controls
The TMP102-Q1 production units are 100% tested
against sensors that are NIST-traceable and are
•
Infotainment Processor Management
verified with equipment that are NIST-traceable
•
Airflow Sensors
through ISO/IEC 17025 accredited calibrations.
•
Battery Control Units
•
Engine Control Units
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
UREA Sensors
TMP102-Q1
SOT563 (6)
1.60 mm × 1.20 mm
•
Water Pumps
(1) For all available packages, see the orderable addendum at
•
HID Lamps
the end of the datasheet.
•
Airbag Control Units
Simplified Schematic
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
Low-Power Digital Temperature Sensor
TMP102 TI1-TMP102 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102 Datasheet
1Mb / 36P
TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
FEBRUARY 2024
More results

Similar Description - TMP102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
Low-Power Digital Temperature Sensor
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
Low-Power, Digital Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com