Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments TMP102 Datasheet HTML 10Page - Texas Instruments TMP102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP102-Q1
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
TMP102-Q1
www.ti.com
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The TMP102-Q1 device is a digital temperature sensor that is optimal for thermal-management and thermal-
protection applications. The TMP102-Q1 device is two-wire, SMBus, and I2C interface-compatible. The device is
specified over an operating temperature range of –40°C to 125°C. Figure 7 shows a block diagram of the
TMP102-Q1 device.
The temperature sensor in the TMP102-Q1 device is the chip itself. Thermal paths run through the package
leads as well as the plastic package. The package leads provide the primary thermal path because of the lower
thermal resistance of the metal.
An alternative version of the TMP102-Q1 device is available. The TMP112-Q1 device has highest accuracy, the
same micro-package, and is pin-to-pin compatible.
Table 1. Advantages of TMP112-Q1 Versus TMP102-Q1
SUPPLY
SUPPLY
SPECIFIED
COMPATIBLE
SUPPLY
LOCAL SENSOR ACCURACY
DEVICE
PACKAGE
VOLTAGE
VOLTAGE
RESOLUTION
CALIBRATION
INTERFACES
CURRENT
(MAX)
(MIN)
(MAX)
DRIFT SLOPE
SOT563
12 bit
0.5°C: (0°C to 65°C)
I
2C
TMP112-Q1
10 µA
1.4 V
3.6 V
Yes
1.2 × 1.6 × 0.6
0.0625°C
1°C: (-40°C to 125°C)
SMBus
SOT563
12 bit
2°C: (25°C to 85°C)
I
2C
TMP102-Q1
10 µA
1.4 V
3.6 V
No
1.2 × 1.6 × 0.6
0.0625°C
3°C: (-40°C to 125°C)
SMBus
7.2 Functional Block Diagram
Figure 7. Internal Block Diagram
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement is stored in the read-only temperature register. The
temperature register of the TMP102-Q1 device is configured as a 12-bit, read-only register (configuration register
EM bit = 0, see the Extended Mode (EM) section), or as a 13-bit, read-only register (configuration register EM bit
= 1) that stores the output of the most recent conversion. Two bytes must be read to obtain data and are listed in
Table 8 and Table 9. Byte 1 is the most significant byte (MSB), followed by byte 2, the least significant byte
(LSB). The first 12 bits (13 bits in extended mode) are used to indicate temperature. The least significant byte
does not have to be read if that information is not needed. The data format for temperature is summarized in
Table 2 and Table 3. One LSB equals 0.0625°C. Negative numbers are represented in binary twos-complement
format. Following power-up or reset, the temperature register reads 0°C until the first conversion is complete. Bit
D0 of byte 2 indicates normal mode (EM bit = 0) or extended mode (EM bit = 1) , and can be used to distinguish
between the two temperature register data formats. The unused bits in the temperature register always read 0.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com