Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments TMP102 Datasheet HTML 10Page - Texas Instruments TMP102 Datasheet HTML 11Page - Texas Instruments TMP102 Datasheet HTML 12Page - Texas Instruments TMP102 Datasheet HTML 13Page - Texas Instruments TMP102 Datasheet HTML 14Page - Texas Instruments TMP102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TMP102-Q1
www.ti.com
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
7.3.7 SMBus Alert Function
The TMP102-Q1 device supports the SMBus alert function. When the TMP102-Q1 device operates in Interrupt
Mode (TM = 1), the ALERT pin can be connected as an SMBus alert signal. When a master senses that an
ALERT condition is present on the ALERT line, the master sends an SMBus alert command (0001 1001) to the
bus. If the ALERT pin is active, the device acknowledges the SMBus alert command and responds by returning
the slave address on the SDA line. The eighth bit (LSB) of the slave address byte indicates if the ALERT
condition was caused by the temperature exceeding THIGH or falling below TLOW. For POL = 0, the LSB is low if
the temperature is greater than or equal to THIGH; this bit is high if the temperature is less than TLOW. The polarity
of this bit is inverted if POL = 1. See Figure 11 for details of this sequence.
If multiple devices on the bus respond to the SMBus alert command, arbitration during the slave address portion
of the SMBus alert command determines which device clears the ALERT status. The device with the lowest two-
wire address wins the arbitration. If the TMP102-Q1 device wins the arbitration, its ALERT pin inactivates at the
completion of the SMBus alert command. If the TMP102-Q1 device loses the arbitration, its ALERT pin remains
active.
7.3.8 General Call
The TMP102-Q1 device responds to a two-wire general call address (000 0000) if the eighth bit is 0. The device
acknowledges the general call address and responds to commands in the second byte. If the second byte is
0000 0110, the TMP102-Q1 device internal registers are reset to power-up values. The TMP102-Q1 device does
not support the general address acquire command.
7.3.9 High-Speed (Hs) Mode
In order for the two-wire bus to operate at frequencies above 400 kHz, the master device must issue an Hs-Mode
master code (0000 1xxx) as the first byte after a START condition to switch the bus to high-speed operation. The
TMP102-Q1 device does not acknowledge this byte, but switches the input filters on SDA and SCL and the
output filters on SDA to operate in Hs-mode, allowing transfers of up to 2.85 MHz. After the Hs-Mode master
code has been issued, the master transmits a two-wire slave address to initiate a data transfer operation. The
bus continues to operate in Hs-Mode until a STOP condition occurs on the bus. Upon receiving the STOP
condition, the TMP102-Q1 device switches the input and output filters back to fast-mode operation.
7.3.10 Time-Out Function
The TMP102-Q1 device resets the serial interface if SCL is held low for 30 ms (typ) between a start and stop
condition. The TMP102-Q1 device releases the SDA line if the SCL pin is pulled low and waits for a start
condition from the host controller. To avoid activating the time-out function, maintaining a communication speed
of at least 1 kHz for SCL operating frequency is necessary.
7.3.11 Timing Diagrams
The TMP102-Q1 device is two-wire, SMBus, and I2C-interface compatible. Figure 8, Figure 9, Figure 10, and
Figure 11 list the various operations on the TMP102-Q1 device. Parameters for Figure 8 are defined in the
Timing Requirements table. The bus definitions are defined as follows:
Bus Idle
Both SDA and SCL lines remain high.
Start Data Transfer A change in the state of the SDA line, from high to low, when the SCL line is high, defines a
START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer A change in the state of the SDA line from low to high when the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The TMP102-Q1 device can also be used for single byte
updates. To update only the MS byte, terminate the communication by issuing a START or STOP
communication on the bus.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com