Electronic Components Datasheet Search
  English  ▼

X  

AD7915 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7915
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7915 Datasheet HTML 12Page - Analog Devices AD7915 Datasheet HTML 13Page - Analog Devices AD7915 Datasheet HTML 14Page - Analog Devices AD7915 Datasheet HTML 15Page - Analog Devices AD7915 Datasheet HTML 16Page - Analog Devices AD7915 Datasheet HTML 17Page - Analog Devices AD7915 Datasheet HTML 18Page - Analog Devices AD7915 Datasheet HTML 19Page - Analog Devices AD7915 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AD7915/AD7916
Data Sheet
Rev. 0 | Page 16 of 26
20Ω
20Ω
10µF
R1
100nF
+2.5V
+5V REF
+5.2V
–0.2V
CF
R2
R4
R6
±10V,
±5V, ..
R3
R5
REF
VDD
GND
IN+
IN–
AD7915/
AD7916
2.7nF
2.7nF
ADA4941-1
IN
FB
OUT+
OUT–
REF
100nF
Figure 33. Single-Ended to Differential Driver Circuit
SINGLE TO DIFFERENTIAL DRIVER
For applications using a single-ended analog signal, either bipolar
or unipolar, the ADA4941-1 single-ended to differential driver
allows a differential input to the device. The schematic is shown in
Figure 33. The ADA4940-1, which is a fully differential amplifier,
can be used as a single-ended to-differential driver as well.
R1 and R2 set the attenuation ratio between the input range and
the ADC range (VREF). R1, R2, and CF are chosen depending on
the desired input resistance, signal bandwidth, antialiasing, and
noise contribution. For example, for the ±10 V range with a 4 kΩ
impedance, R2 = 1 kΩ and R1 = 4 kΩ.
R3 and R4 set the common mode on the IN− input, and R5 and R6
set the common mode on the IN+ input of the ADC. Make sure
that the common mode is close to VREF/2. For example, for the
±10 V range with a single supply, R3 = 8.45 kΩ, R4 = 11.8 kΩ,
R5 = 10.5 kΩ, and R6 = 9.76 kΩ.
VOLTAGE REFERENCE INPUT
The AD7915/AD7916 voltage reference input, REF, has a
dynamic input impedance and must, therefore, be driven by a
low impedance source with efficient decoupling between the
REF and GND pins, as explained in the Layout section.
When REF is driven by a very low impedance source (for
example, a reference buffer using the AD8031, ADA4805-1 or
the AD8605), a 10 μF (X5R, 0805 size) ceramic chip capacitor is
appropriate for optimum performance.
If an unbuffered reference voltage is used, the decoupling value
depends on the reference used. For instance, a 22 μF (X5R,
1206 size) ceramic chip capacitor is appropriate for optimum
performance using a low temperature drift ADR43
3 reference.
If desired, a reference decoupling capacitor with values as small
as 2.2 μF can be used with a minimal impact on performance,
especially DNL.
Regardless, there is no need for an additional lower value ceramic
decoupling capacitor (for example, 100 nF) between the REF
and GND pins.
POWER SUPPLY
The AD7915/AD7916 use two power supply pins: a core supply
(VDD) and a digital input/output interface supply (VIO). VIO
allows direct interface with any logic between 1.8 V and 5.5 V. To
reduce the number of supplies needed, VIO and VDD can be
tied together. The AD7915/AD7916 are independent of power
supply sequencing between VIO and VDD. Additionally, they are
insensitive to power supply variations over a wide frequency
range, as shown in Figure 34.
95
90
85
80
75
70
65
60
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 34. Power Supply Rejection Ratio (PSRR) vs. Frequency
The AD7915/AD7916 power down automatically at the end of
each conversion phase.
DIGITAL INTERFACE
Although the AD7915/AD7916 have a reduced number of pins,
they offer flexibility in their serial interface modes.
When in CS mode, the AD7915/AD7916 are compatible with
SPI, QSPI™, MIRCROWIRE™, digital hosts, and DSPs. In this
mode, the AD7915/AD7916 can use either a 3-wire or 4-wire
interface. A 3-wire interface using the CNV, SCK, and SDO
signals minimizes wiring connections, which is useful, for
instance, in isolated applications. A 4-wire interface using the
SDI/CS, CNV, SCK, and SDO signals allows CNV, which initiates
the conversions, to be independent of the readback timing (SDI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com