Electronic Components Datasheet Search
  English  ▼

X  

AD7915 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7915
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7915 Datasheet HTML 15Page - Analog Devices AD7915 Datasheet HTML 16Page - Analog Devices AD7915 Datasheet HTML 17Page - Analog Devices AD7915 Datasheet HTML 18Page - Analog Devices AD7915 Datasheet HTML 19Page - Analog Devices AD7915 Datasheet HTML 20Page - Analog Devices AD7915 Datasheet HTML 21Page - Analog Devices AD7915 Datasheet HTML 22Page - Analog Devices AD7915 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
AD7915/AD7916
Rev. 0 | Page 19 of 26
CS MODE, 4-WIRE, WITHOUT BUSY INDICATOR
This mode is usually used when multiple AD7915/AD7916
devices are connected to an SPI-compatible digital host.
A connection diagram example using two AD7915/AD7916
devices is shown in Figure 39, and the corresponding timing is
given in Figure 40.
With SDI high, a rising edge on CNV initiates a conversion,
selects SDI/CS mode, and forces SDO to high impedance. In
this mode, CNV must be held high during the conversion phase
and the subsequent data read back; if SDI/CS and CNV are low,
SDO is driven low. Prior to the minimum conversion time,
SDI/CS can be used to select other SPI devices, such as analog
multiplexers, but SDI/CS must be returned high before the
minimum conversion time elapses and then held high for the
maximum possible conversion time. When the conversion is
complete, the AD7915/AD7916 enter the acquisition phase and
power down. Each ADC result can be read by bringing its SDI/CS
input low, which consequently outputs the MSB onto SDO. The
remaining data bits are then clocked by subsequent SCK falling
edges. The data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the SCK
falling edge allows a faster reading rate, provided that it has an
acceptable hold time. After the 16th SCK falling edge or when
SDI/CS goes high (whichever occurs first), SDO returns to high
impedance and another AD7915/AD7916 can be read.
AD7915/
AD7916
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD7915/
AD7916
SDO
CNV
SCK
SDI/CS
SDI/CS
Figure 39. CS Mode Without Busy Indicator, 4-Wire Connection Diagram
SDO
D15
D14
D13
D1
D0
tDIS
SCK
12
3
30
31
32
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV
tSSDICNV
tHSDICNV
D1
14
15
tSCK
tSCKL
tSCKH
D0
D15
D14
17
18
16
SDI/CS (CS1)
SDI/CS (CS2)
Figure 40. CS Mode Without Busy Indicator, 4-Wire Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com