Electronic Components Datasheet Search
  English  ▼

X  

AD7915 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7915
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7915 Datasheet HTML 16Page - Analog Devices AD7915 Datasheet HTML 17Page - Analog Devices AD7915 Datasheet HTML 18Page - Analog Devices AD7915 Datasheet HTML 19Page - Analog Devices AD7915 Datasheet HTML 20Page - Analog Devices AD7915 Datasheet HTML 21Page - Analog Devices AD7915 Datasheet HTML 22Page - Analog Devices AD7915 Datasheet HTML 23Page - Analog Devices AD7915 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AD7915/AD7916
Data Sheet
Rev. 0 | Page 20 of 26
CS MODE 4-WIRE WITH BUSY INDICATOR
This mode is usually used when a single AD7915/AD7916 is
connected to an SPI-compatible digital host that has an interrupt
input, and it is desired to keep CNV, which is used to sample the
analog input, independent of the signal used to select the data
reading. This requirement is particularly important in applications
where low jitter on CNV is desired.
The connection diagram is shown in Figure 41, and the
corresponding timing is given in Figure 42.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback (if SDI and CNV are low, SDO is
driven low). Prior to the minimum conversion time, SDI can be
used to select other SPI devices, such as analog multiplexers,
but SDI must be returned low before the minimum conversion
time elapses and then held low for the maximum conversion
time to guarantee the generation of the busy signal indicator.
When the conversion is complete, SDO goes from high impedance
to low.
With a pull-up on the SDO line, this transition can be used as
an interrupt signal to initiate the data readback controlled by
the digital host. The AD7915/AD7916 then enters the
acquisition phase and powers down. The data bits are clocked
out, MSB first, by subsequent SCK falling edges. The data is
valid on both SCK edges. Although the rising edge can be used
to capture the data, a digital host using the SCK falling edge
allows a faster reading rate provided it has an acceptable hold
time. After the optional 17th SCK falling edge or SDI going
high, whichever is earlier, the SDO returns to high impedance.
AD7915/
AD7916
SDO
SDI
DATA IN
IRQ
DIGITAL HOST
CONVERT
CS1
CLK
VIO
47kΩ
CNV
SCK
Figure 41. 4-Wire CS Mode with Busy Indicator Connection Diagram
tCYC
tCONV
tSSDICNV
tHSDICNV
tEN
tHSDO
tDSDO
tSCKH
tSCKL
tSCK
tDIS
AQUISITION
AQUISITION
tACQ
CONVERSION
SDI
SCK
CNV
SDO
D15
D14
D1
D0
12
3
15
16
17
Figure 42. 4-Wire CS Mode with Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com