| Electronic Components Datasheet Search |
|
AD7915 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7915 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 26 page ![]() Data Sheet AD7915/AD7916 Rev. 0 | Page 17 of 26 This is useful in low jitter sampling or simultaneous sampling applications. When in chain mode, the AD7915/AD7916 provide a daisy-chain feature using the SDI input for cascading multiple ADCs on a single data line, similar to a shift register. The mode in which the device operates depends on the SDI/CS level when the CNV rising edge occurs. CS mode is selected if SDI/CS is high, and chain mode is selected if SDI/CS is low. The SDI/CS hold time is such that when SDI/CS and CNV are connected together, chain mode is always selected. In either mode, the AD7915/AD7916 offers the option of forcing a start bit in front of the data bits. This start bit can be used as a busy signal indicator to interrupt the digital host and to trigger the data reading. Otherwise, without a busy indicator, the user must time out the maximum conversion time prior to readback. The busy indicator feature is enabled in CS mode if CNV or SDI is low when the ADC conversion ends (see Figure 38 and Figure 42). in chain mode if SCK is high during the CNV rising edge (see Figure 46). CS MODE, 3-WIRE, WITHOUT BUSY INDICATOR This mode is usually used when a single AD7915/AD7916 is connected to an SPI-compatible digital host. The connection diagram is shown in Figure 35, and the corresponding timing is given in Figure 36. With SDI/CS tied to VIO, a rising edge on CNV initiates a conversion, selects the CS mode, and forces SDO to high impedance. When the conversion is complete, the AD7915/ AD7916 enter the acquisition phase and power down. When CNV goes low, the MSB is output onto SDO. The remaining data bits are clocked by subsequent SCK falling edges. The data is valid on both SCK edges. Although the rising edge can capture the data, a digital host using the SCK falling edge allows a faster reading rate, provided that it has an acceptable hold time. After the 16th SCK falling edge or when CNV goes high (whichever occurs first), SDO returns to high impedance. AD7915/ AD7916 SDO CNV SCK CONVERT DATA IN CLK DIGITAL HOST VIO SDI/CS Figure 35. CS Mode Without Busy Indicator, 3-Wire Connection Diagram (SDI High) SDO D15 D14 D13 D1 D0 tDIS SCK 1 2 3 14 15 16 tSCK tSCKL tSCKH tHSDO tDSDO CNV CONVERSION ACQUISITION tCONV tCYC ACQUISITION tACQ tEN SDI/CS = 1 Figure 36. CS Mode Without Busy Indicator, 3-Wire Serial Interface Timing (SDI High) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |