Electronic Components Datasheet Search
  English  ▼

X  

AD7915 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7915
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7915 Datasheet HTML 14Page - Analog Devices AD7915 Datasheet HTML 15Page - Analog Devices AD7915 Datasheet HTML 16Page - Analog Devices AD7915 Datasheet HTML 17Page - Analog Devices AD7915 Datasheet HTML 18Page - Analog Devices AD7915 Datasheet HTML 19Page - Analog Devices AD7915 Datasheet HTML 20Page - Analog Devices AD7915 Datasheet HTML 21Page - Analog Devices AD7915 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AD7915/AD7916
Data Sheet
Rev. 0 | Page 18 of 26
CS MODE 3-WIRE, WITH BUSY INDICATOR
This mode is typically used when a single AD7915/AD7916 is
connected to an SPI-compatible digital host having an interrupt
input.
The connection diagram is shown in Figure 37, and the
corresponding timing is given in Figure 38.
With SDI tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance. SDO is maintained in high impedance until the
completion of the conversion irrespective of the state of CNV.
Prior to the minimum conversion time, CNV can select other
SPI devices, such as analog multiplexers, but CNV must be
returned low before the minimum conversion time elapses and
then held low for the maximum conversion time to guarantee
the generation of the busy signal indicator. When the
conversion is complete, SDO goes from high impedance to low.
With a pull-up on the SDO line, this transition can be used as an
interrupt signal to initiate the data reading controlled by the
digital host. The AD7915/AD7916 then enters the acquisition
phase and powers down. The data bits are clocked out, MSB
first, by subsequent SCK falling edges. The data is valid on both
SCK edges. Although the rising edge can capture the data, a
digital host using the SCK falling edge allows a faster reading
rate provided it has an acceptable hold time. After the optional
17th SCK falling edge, or when CNV goes high (whichever
occurs first), SDO returns to high impedance.
If multiple AD7915/AD7916 devices are selected at the same
time, the SDO output pin handles this contention without
damage or induced latch-up. Meanwhile, it is recommended to
keep this contention as short as possible to limit extra power
dissipation.
AD7915/
AD7916
SDO
SDI
DATA IN
IRQ
DIGITAL HOST
CONVERT
CLK
VIO
VIO
47kΩ
CNV
SCK
Figure 37. 3-Wire CS Mode with Busy Indicator Connection Diagram
(SDI High)
tCONV
tCNVH
tCYC
AQUISITION
AQUISITION
tACQ
tSCK
tSCKH
tSCKL
CONVERSION
SCK
CNV
SDI = 1
SDO
D15
D14
D1
D0
tHSDO
12
3
15
16
17
tDSDO
tDIS
Figure 38. 3-Wire CS Mode with Busy Indicator Serial Interface Timing (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com