Electronic Components Datasheet Search
  English  ▼

X  

ADP2230 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2230 Datasheet HTML 2Page - Analog Devices ADP2230 Datasheet HTML 3Page - Analog Devices ADP2230 Datasheet HTML 4Page - Analog Devices ADP2230 Datasheet HTML 5Page - Analog Devices ADP2230 Datasheet HTML 6Page - Analog Devices ADP2230 Datasheet HTML 7Page - Analog Devices ADP2230 Datasheet HTML 8Page - Analog Devices ADP2230 Datasheet HTML 9Page - Analog Devices ADP2230 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADP2230
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SW1
Connection from MOSFET Power Switches to the Inductor for Buck 1.
2
VIN1
Analog and Power Voltage Input for Buck 1. Connect VIN1 to VIN2.
3
FB1
Output Voltage Feedback for Buck 1.
4
EN1
Precision Enable for Buck 1. Do not leave the EN1 pin floating.
5
AGND
Analog Ground.
6
SYNC
Frequency Synchronization. Drive SYNC high to force the device to operate in 2 MHz fixed PWM mode. Drive SYNC
low to force the device to operate in 2 MHz PSM/PWM automatic transitioning mode. Apply an external clock
between 1.5 MHz and 2.5 MHz to the SYNC pin to synchronize the ADP2230 switching to the applied external
clock. Do not leave the SYNC pin floating.
7
EN2
Precision Enable for Buck 2. Do not leave the EN2 pin floating.
8
FB2
Output Voltage Feedback for Buck 2.
9
VIN2
Analog and Power Voltage Input for Buck 2. Connect VIN2 to VIN1.
10
SW2
Connection from MOSFET Power Switches to the Inductor for Buck 2.
11
EPAD
Exposed Pad, Power Ground (PGND). The exposed pad on the bottom of the LFCSP package enhances thermal
performance and is electrically connected to PGND inside the package. The exposed pad must be connected to the
ground plane on the board for proper operation.
1
SW1
2
VIN1
3
FB1
4
EN1
5
AGND
10 SW2
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF
THE LFCSP PACKAGE ENHANCES
THERMAL PERFORMANCE AND IS
ELECTRICALLY CONNECTED TO PGND
INSIDE THE PACKAGE. THE EXPOSED
PAD MUST BE CONNECTED TO THE
GROUND PLANE ON THE BOARD FOR
PROPER OPERATION.
9
VIN2
8
FB2
7
EN2
6
SYNC
ADP2230
TOP VIEW
11
PGND
Rev. A | Page 6 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com