Electronic Components Datasheet Search
  English  ▼

X  

ADP2230 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2230 Datasheet HTML 10Page - Analog Devices ADP2230 Datasheet HTML 11Page - Analog Devices ADP2230 Datasheet HTML 12Page - Analog Devices ADP2230 Datasheet HTML 13Page - Analog Devices ADP2230 Datasheet HTML 14Page - Analog Devices ADP2230 Datasheet HTML 15Page - Analog Devices ADP2230 Datasheet HTML 16Page - Analog Devices ADP2230 Datasheet HTML 17Page - Analog Devices ADP2230 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
ADP2230
Data Sheet
Rev. A | Page 18 of 18
OUTLINE DIMENSIONS
Figure 36. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Buck 1
Output
Voltage (V)2
Buck 2
Output
Voltage (V)2
Temperature
Range
Package Description
Package
Option
Branding
ADP2230ACPZ-1218R7
1.2
1.8
–40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
LJ3
ADP2230ACPZ-1233R7
1.2
3.3
–40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
LM3
ADP2230ACPZ-1833R7
1.8
3.3
–40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
LMK
ADP2230ACPZ-R7
Adjustable
Adjustable
–40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
LMQ
ADP2230CP-EVALZ
Evaluation Board with Adjustable
Output Voltage Option
1 Z = RoHS Compliant Part.
2 For additional output voltage options, contact a local sales or distribution representative.
2.48
2.38
2.23
0.50
0.40
0.30
10
1
6
5
0.30
0.25
0.20
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.74
1.64
1.49
0.20 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
TOP VIEW
BOTTOM VIEW
0.20 MIN
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10705-0-11/14(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com