Electronic Components Datasheet Search
  English  ▼

X  

ADP2230 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2230 Datasheet HTML 10Page - Analog Devices ADP2230 Datasheet HTML 11Page - Analog Devices ADP2230 Datasheet HTML 12Page - Analog Devices ADP2230 Datasheet HTML 13Page - Analog Devices ADP2230 Datasheet HTML 14Page - Analog Devices ADP2230 Datasheet HTML 15Page - Analog Devices ADP2230 Datasheet HTML 16Page - Analog Devices ADP2230 Datasheet HTML 17Page - Analog Devices ADP2230 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ADP2230
Data Sheet
Table 6. Suggested Inductors
Manufacturer
Part Number
Inductance
(µH)
DCR (mΩ)
Typ
Current
Rating (A)
Saturation
Current (A)
Size (L × W × H) (mm)
Package
TDK
MLP2016S2R2M
2.2 ± 20%
110
1.20
N/A
2.00 × 1.60 × 1.00
0806
MLP2520S2R2S
2.2 ± 20%
110
1.20
1.20
2.50 × 2.00 × 1.00
1008
VLF252012MT-2R2M
2.2 ± 20%
57
1.67
1.04
2.50 × 2.00 × 1.00
1008
VLF302510MT-2R2M
2.2 ± 20%
70
1.23
1.37
3.00 × 2.50 × 1.00
N/A
VLF302515MT-2R2M
2.2 ± 20%
42
2.71
1.57
3.00 × 2.50 × 1.40
N/A
Murata
LQM2HPN2R2MG0
2.2 ± 20%
80
1.30
N/A
2.50 × 2.00 × 0.90
1008
LQH32PN2R2NNC
2.2 ± 30%
64
1.85
N/A
3.20 × 2.50 × 1.55
1210
Wurth
74479787222
2.2 ± 20%
80
1.50
0.70
2.50 × 2.00 × 1.00
1008
7440430022
2.2 ± 30%
23
2.50
2.35
4.80 × 48.0 × 2.80
N/A
Taiyo Yuden
BRC2012T2R2MD
2.2 ± 20%
110
1.00
1.10
2.00 × 1.25 × 1.40
0805
Toko
MDT2520-CR2R2M
2.2 ± 20%
90
1.35
N/A
2.50 × 2.00 × 1.00
1008
DEM2810C (1224AS-H-2R2M)
2.2 ± 20%
85
1.10
1.40
3.20 × 3.00 × 1.00
N/A
DEM2815C (1226AS-H-2R2M)
2.2 ± 20%
43
1.40
2.20
3.20 × 3.00 × 1.50
N/A
Coilcraft
XPL2010-222
2.2 ± 20%
156
0.96
0.94
1.90 × 2.00 × 1.00
N/A
XFL3010-222
2.2 ± 20%
111
1.0
0.94
3.00 × 3.00 × 1.00
N/A
XFL3012-222
2.2 ± 20%
81
1.40
1.00
3.00 × 3.00 × 1.30
1212
1
N/A means not applicable.
SELECTING THE INPUT AND OUTPUT CAPACITORS
The ADP2230 is designed for optimal performance with 10 µF
capacitors. Use any size, good quality, low ESR, X5R or X7R
ceramic capacitors with the ADP2230, as long as they meet
the capacitance and voltage requirements of the application.
Capacitors less than 10 µF are not recommended.
Input Capacitor
The ADP2230 is designed to operate with a single 10 µF input
capacitor (CIN). The input capacitor must be able to support the
maximum input operating voltage and the maximum rms input
current.
Place the input capacitor as close as possible to the VINx pins
to reduce input voltage ripple. Select an input capacitor capable
of withstanding the rms input current for the maximum
continuous load current in the application using the following
equation:
(
)
IN
OUT
IN
OUT
MAX
OUT
RMS
V
V
V
V
I
I
−
×
×
≈
)
(
(6)
The input capacitor reduces the input voltage ripple caused by
the switch currents on the VINx pin and reduces the circuit
sensitivity to the PCB layout, especially when long input traces or
high source impedance are encountered.
Output Capacitor
The ADP2230 requires two 10 µF capacitors, COUT1 and COUT2,
with one capacitor on each buck output. The output capacitor
selection affects both the output voltage ripple (ΔVOUT) and the
stability of the control loop.
The ADP2230 is designed for operation with small, space
saving ceramic capacitors, but function with most commonly
used capacitors as long as care is taken to calculate the effective
ESR value. Capacitors with low ESR values produce the lowest
output voltage ripple. A capacitor with an ESR between 0.001 Ω
and 0.01 Ω is recommended to ensure stability of the ADP2230.
To determine the maximum ESR for a given ΔVOUT, use the
following equation:
L
OUT
MAX
C
I
V
ESR
OUT
∆
∆
<
)
(
(7)
where ΔVOUT is the peak-to-peak output voltage ripple as
calculated in Equation 8.
The overall output voltage ripple is the sum of the voltage spike
caused by the output capacitor ESR plus the voltage ripple caused
by charging and discharging the output capacitor. The output
voltage ripple is determined by the following equation:
ΔVOUT ≈ ΔIL × (ESRCOUT + 1/(8 × COUT × fSW))
(8)
where:
ESRCOUT is the ESR of the chosen capacitor.
ΔIL is the ripple current of the inductor calculated in Equation 7.
The largest voltage ripple occurs at the highest input voltage.
At light load currents, if SYNC is set low, the converter operates
in PSM, and the output voltage ripple increases.
To improve the transient response of the ADP2230, increase the
value of COUT. Capacitors less than 10 µF are not recommended.
Rev. A | Page 16 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com