Electronic Components Datasheet Search
  English  ▼

X  

ADP2230 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2230 Datasheet HTML 10Page - Analog Devices ADP2230 Datasheet HTML 11Page - Analog Devices ADP2230 Datasheet HTML 12Page - Analog Devices ADP2230 Datasheet HTML 13Page - Analog Devices ADP2230 Datasheet HTML 14Page - Analog Devices ADP2230 Datasheet HTML 15Page - Analog Devices ADP2230 Datasheet HTML 16Page - Analog Devices ADP2230 Datasheet HTML 17Page - Analog Devices ADP2230 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
ADP2230
Rev. A | Page 17 of 18
PCB LAYOUT CONSIDERATIONS
For high efficiency, good regulation, and stability with the
ADP2230, a well designed PCB is required. Poor layout can
affect the ADP2230 buck performance, causing electromagnetic
interference (EMI), poor electromagnetic compatibility (EMC),
ground bounce, and voltage losses.
Improve heat dissipation from the package by increasing
the amount of copper attached to the pins of the ADP2230.
Use the following guidelines when designing PCBs:
Keep the low ESR input and output capacitors, CIN and
COUT, and the inductors, L1 and L2, as close as possible to
the ADP2230. Avoid long trace lengths from the device to
the capacitors that add series inductance and may cause
instability or increased ripple.
Route the output voltage path away from the inductor and
SWx node to minimize noise and magnetic interference.
Keep high current traces as short and as wide as possible.
Avoid routing high impedance traces near any node
connected to SWx or near the inductor to prevent radiated
noise injection.
Use a ground plane with several vias connected to the
component side ground to reduce noise interference on
sensitive circuit nodes.
The use of 0402 or 0603 capacitors achieves the smallest
possible footprint solution where board area is limited.
Figure 34. PCB Layout, Top
Figure 35. PCB Layout, Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com