Electronic Components Datasheet Search
  English  ▼

X  

ADP2230 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 3 Page - Analog Devices

  ADP2230 Datasheet HTML 1Page - Analog Devices ADP2230 Datasheet HTML 2Page - Analog Devices ADP2230 Datasheet HTML 3Page - Analog Devices ADP2230 Datasheet HTML 4Page - Analog Devices ADP2230 Datasheet HTML 5Page - Analog Devices ADP2230 Datasheet HTML 6Page - Analog Devices ADP2230 Datasheet HTML 7Page - Analog Devices ADP2230 Datasheet HTML 8Page - Analog Devices ADP2230 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADP2230
SPECIFICATIONS
VIN = VENx = 5.0 V, VOUT = 3.3 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Input Voltage Range
VIN
2.3
6.5
V
Quiescent Current
IQ
VSYNC = GND, no load, device not switching
One channel enabled
8
23
μA
Both channels enabled
15
34
μA
Standby Current
VENx = 1 V
55
μA
Shutdown Current
ISD
VENx = GND, TJ = −40°C to +85°C
0.1
2.5
μA
Undervoltage Lockout
VIN Rising Threshold
2.23
2.28
V
VIN Falling Threshold
1.96
2.05
V
Soft Start Time
tSS
185
270
395
μs
FIXED AND ADJUSTABLE OUTPUT
Load Regulation PWM
∆VOUT/∆IOUT
IOUT = 0 mA to 800 mA
0.1
%/A
Line Regulation
∆VOUT/∆VIN
VIN = 2.3 V to 6.5 V, VOUT = 1.2 V, IOUT = 500 mA
0.1
%/V
PSM Rising Threshold
VIN = 5 V, VOUT = 3.3 V
230
mA
PSM Hysteresis
25
mA
FIXED OUTPUT VOLTAGE
Fixed VOUT Accuracy
VIN = 5 V, no load
VOUT = 1.2 V
VOUT_1.2V
1.168
1.2
1.220
V
VOUT = 1.8 V
VOUT_1.8V
1.748
1.8
1.851
V
VOUT = 3.3 V
VOUT_3.3V
3.202
3.3
3.363
V
Fixed VOUT FB Pin Current1
IFB_FIXED
VFB = 1.2 V
1.1
2.0
2.8
μA
ADJUSTABLE OUTPUT VOLTAGE
Feedback Voltage
VFB
0.774
0.8
0.818
V
Adjustable VOUT Range
VOUT_ADJ
0.8
6
V
Adjustable VOUT FB Pin Current
IFB_ADJ
VFB = 0.8 V
10
150
nA
SWITCHING CHARACERISTICS
On Resistance
VIN = 5 V, ISW = 400 mA
P-Channel
RDSON_P
230
325
mΩ
N-Channel
RDSON_N
180
275
mΩ
Current Limit
P-Channel
930
1300
1475
mA
N-Channel
300
500
625
mA
P-Channel Leakage Current
VIN = 5 V, VSW = GND, TJ = −40°C to +85°C
2
μA
Minimum On Time
tON-MIN
3
35
65
ns
SWx Node Discharge Resistor
250
340
Ω
Phase Shift Between SW1 and SW2
VSYNC = GND or VSYNC = VIN (no external clock)
180
Degrees
OSCILLATOR
Fixed PWM Oscillator Frequency
fSW_FIXED
VSYNC = GND or VSYNC = VIN
1600
2000
2300
kHz
External Clock Synchronization
Range
fSW_RANGE
1.5
2.5
MHz
External Clock Duty Cycle Range
20
85
%
SYNC Pin
High Threshold
1.3
V
Low Threshold
0.4
V
Leakage Current
VSYNC = GND or VSYNC = VIN
0.01
1
μA
Rev. A | Page 3 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com